Zakładka z wyszukiwarką danych komponentów |
|
LM1771UMMX Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM1771UMMX Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
2 / 18 page Connection Diagrams Top View Top View 20189002 6-Lead LLP (3mm x 3mm) NS Package Number SDE06A 20189040 MSOP-8 NS Package Number MUA08A Ordering Information Order Number Timing Option Package Type NSC Package Drawing Top Mark Supplied As LM1771SSD 500ns 6-Lead LLP SDE06A 1771S 1000 units Tape and Reel LM1771SSDX 1771S 4500 units Tape and Reel LM1771TSD 1000ns 1771T 1000 units Tape and Reel LM1771TSDX 1771T 4500 units Tape and Reel LM1771USD 2000ns 1771U 1000 units Tape and Reel LM1771USDX 1771U 4500 units Tape and Reel Order Number Timing Option Package Type NSC Package Drawing Supplied As LM1771SMM 500ns MSOP-8 MUA08A Available Soon LM1771SMMX LM1771TMM 1000ns LM1771TMMX LM1771UMM 2000ns LM1771UMMX Pin Descriptions Pin # Name Function 1 FB Feedback Pin 2 GND Ground 3 HG PFET Gate Drive 4 LG NFET Gate Drive 5 VIN Input supply 6 EN Enable Pin DAP - Die Attach Pad is internally connected to GND, but it cannot be used as the primary GND connection www.national.com 2 |
Podobny numer części - LM1771UMMX |
|
Podobny opis - LM1771UMMX |