Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2853MHX-3.3 Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2853MHX-3.3
Szczegółowy opis  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2853MHX-3.3 Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2853MHX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2853MHX-3.3 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Applications Information (Continued)
TABLE 3. Recommended Capacitors (Continued)
Capacitance (µF)
Part Number
Chemistry
Vendor
220
TPSD227M006#0050
Tantalum
AVX
220
NOSD227M0040060
Niobium Oxide
AVX
SPLIT-RAIL OPERATION
The LM2853 can be powered using two separate voltages
for AVIN and PVIN. AVIN is the supply for the control logic;
PVIN is the supply for the power FETs. The output filter
components need to be chosen based on the value of PVIN.
For PVIN levels lower than 3.3V, use output filter component
values recommended for 3.3V. PVIN must always be equal
to or less than AVIN.
20201513
SWITCH NODE PROTECTION
The LM2853 includes protection circuitry that monitors the
voltage on the switch pin. Under certain fault conditions,
switching is disabled in order to protect the switching de-
vices. One side effect of the protection circuitry may be
observed when power to the LM2853 is applied with no or
light load on the output. The output will regulate to the rated
voltage, but no switching may be observed. As soon as the
output is loaded, the LM2853 will begin normal switching
operation.
LAYOUT GUIDELINES
These are several guidelines to follow while designing the
PCB layout for an LM2853 application.
1.
The input bulk capacitor, C
IN, should be placed very
close to the PVIN pin to keep the resistance as low as
possible between the capacitor and the pin. High current
levels will be present in this connection.
2.
All ground connections must be tied together. Use a
broad ground plane, for example a completely filled back
plane, to establish the lowest resistance possible be-
tween all ground connections.
3.
The sense pin connection should be made as close to
the load as possible so that the voltage at the load is the
expected regulated value. The sense line should not run
too close to nodes with high dV/dt or dl/dt (such as the
switch node) to minimize interference.
4.
The switch node connections should be low resistance
to reduce power losses. Low resistance means the trace
between the switch pin and the inductor should be wide.
However, the area of the switch node should not be too
large since EMI increases with greater area. So connect
the inductor to the switch pin with a short, but wide trace.
Other high current connections in the application such
as PVIN and V
OUT assume the same trade off between
low resistance and EMI.
5.
Allow area under the chip to solder the entire exposed
die attach pad to ground for improved thermal perfor-
mance. Lab measurements also show improved regula-
tion performance when the exposed pad is well
grounded.
LM2853 Example Circuit Schematic
20201514
FIGURE 1.
www.national.com
10


Podobny numer części - LM2853MHX-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2853MHX-3.3/NOPB TI-LM2853MHX-3.3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Podobny opis - LM2853MHX-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com