Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM8P51P Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części FM8P51P
Szczegółowy opis  EPROM/ROM-Based 8-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FM8P51P Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  FM8P51P Datasheet HTML 1Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 2Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 3Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 4Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 5Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 6Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 7Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 8Page - List of Unclassifed Manufacturers FM8P51P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
FM8P51
Rev1.2 Mar 15, 2005
P.4/FM8P51
FEELING
TECHNOLOGY
PIN DESCRIPTIONS
Name
I/O
Description
IOA0 ~ IOA7
I/O
Bi-direction I/O port
Software controlled pull-high for all pins
IOB0 ~ IOB7
I/O
Bi-direction I/O port with system wake-up function
Software controlled pull-high for all pins
IOC0 ~ IOC2
I/O Bi-direction I/O pins with driving ability selection
IOC3
I/O Bi-direction I/O pin
CLK
I/O
By connecting IOC4 and IOC6 together
IOC4 is a bi-direction I/O pin with system wake-up and software controlled pull-high function
IOC6 is a bi-direction I/O pin with software controlled open-drain output
Note : Both IOC4 and IOC6 should not be defined as output pins at the same time.
DATA
I/O
By connecting IOC5 and IOC7 together
IOC5 is a bi-direction I/O pin with system wake-up and software controlled pull-high function
IOC7 is a bi-direction I/O pin with software controlled open-drain output
Note : Both IOC5 and IOC7 should not be defined as output pins at the same time.
IOD0 ~ IOD7
I/O
Bi-direction I/O port
Software controlled pull-high for all pins
IOD0 and IOD1 are R-option pins
IOE0 ~ IOE1
I/O
Bi-direction I/O pins with system wake-up function
Software controlled pull-high for all pins
IOE2 ~ IOE5
I/O
Bi-direction I/O pins
All pins can be pulled-high by software
IOE6 ~ IOE7
I/O Bi-direction I/O pins
INT
I
External interrupt input triggered by falling edge
SDI
I
Serial data in for SPI
SDO
O Serial data out for SPI
SCK
I/O Serial clock for SPI
SSB
I
Slave select (active low) for SPI
PWM0 ~ PWM1 O PWM output pins
RFC0 ~ RFC18 O The RC oscillator network output of RFC module
CX
I
The RC oscillator network input of RFC module
OSCI
I
X’tal type: Oscillator crystal input
RC type: Clock input of RC oscillator
OSCO
O
X’tal type: Oscillator crystal output.
RC mode: Outputs with 1/4 the frequency of OSCI to denotes the instruction cycle rate
CKOUT
O Oscillator frequency output with high driving ability and output phase selection
RSTB
I
System clear (RESET) input. This pin is an active low RESET to the device. Internal weak
pull-high.
Vdd
-
Positive supply
Vss
-
Ground
Legend: I=input, O=output, I/O=input/output


Podobny numer części - FM8P51P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Feeling Technology Corp...
FM8P51P FEELING-FM8P51P Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results

Podobny opis - FM8P51P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com