Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLC8P500 Arkusz danych(PDF) 5 Page - ITT Industries

Numer części SLC8P500
Szczegółowy opis  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC8P500 Arkusz danych(HTML) 5 Page - ITT Industries

  SLC8P500 Datasheet HTML 1Page - ITT Industries SLC8P500 Datasheet HTML 2Page - ITT Industries SLC8P500 Datasheet HTML 3Page - ITT Industries SLC8P500 Datasheet HTML 4Page - ITT Industries SLC8P500 Datasheet HTML 5Page - ITT Industries SLC8P500 Datasheet HTML 6Page - ITT Industries SLC8P500 Datasheet HTML 7Page - ITT Industries SLC8P500 Datasheet HTML 8Page - ITT Industries SLC8P500 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Front-Face View
5 Cavity Housing
Side View
Plug Assembly
Front-Face View
10 Cavity Housing
In-line Plug* (Mates with SLC types R, T, and B)
Housing Size
Rating
Part Number
Description
A
ØB
5
5 A
098532-0011
SLC-5P5-00
27,81 (1.095)
18,03 (.710)
5
13 A
098532-0001
SLC-5P13-00
26,80 (1.055)
18,03 (.710)
10
5 A
098532-0002
SLC-10P5-00
34,92 (1.375)
24,15 (.990)
10
13 A
098532-0003
SLC-10P13-00
34,04 (1.340)
25,15 (.990)
*Contact lead assemblies are customer terminated and installed. See page 14, part numbers 110238-0488, 110238-2003.
Snap/Clip-Lock Environmentally Sealed - Circular
Plug, In-line* (Cable-to-Cable) (Type P) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC


Podobny numer części - SLC8P500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
   Linear Optocoupler
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
   Linear Optocoupler
More results

Podobny opis - SLC8P500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com