Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLC10P510 Arkusz danych(PDF) 6 Page - ITT Industries

Numer części SLC10P510
Szczegółowy opis  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC10P510 Arkusz danych(HTML) 6 Page - ITT Industries

Back Button SLC10P510 Datasheet HTML 2Page - ITT Industries SLC10P510 Datasheet HTML 3Page - ITT Industries SLC10P510 Datasheet HTML 4Page - ITT Industries SLC10P510 Datasheet HTML 5Page - ITT Industries SLC10P510 Datasheet HTML 6Page - ITT Industries SLC10P510 Datasheet HTML 7Page - ITT Industries SLC10P510 Datasheet HTML 8Page - ITT Industries SLC10P510 Datasheet HTML 9Page - ITT Industries SLC10P510 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Front-Face View
5 Cavity Housing
Side View
Receptacle Assembly
Front-Face View
10 Cavity Housing
In-line Receptacle* (Mates with SLC type P)
Housing Size
Rating
Part Number
Description
A
ØB
C Ref.
5
5 A
098530-0000
SLC-5R5-00
24,13 (.950)
18,03 (.710)
24,38 (.960)
5
13 A
098530-0001
SLC-5R13-00
23,75 (.935)
18,03 (.710)
24,38 (.960)
10
5 A
098530-0002
SLC-10R5-00
31,24 (1.230)
25,15 (.990)
31,62 (1.245)
10
13 A
098530-0003
SLC-10R13-00
30,86 (1.215)
25,15 (.990)
31.62 (1.245)
*Contact lead assemblies are customer terminated and installed. See page 16, part numbers 110238-0446, 110238-2004.
Square Flange
Snaps onto Type R and B connectors
Materials and Finishes
Material: Thermoplastic
Color: Black
Housing Size
Part Number
A
B Max.
ØC
5
066-9504.000
23,37 (.920)
31,24 (1.230)
32,51 - 31,75 (1.280 - 1.250)
10
066-9504-001
28,45 (1.120)
36,32 (1.430)
25,40 - 24,64 (1.000 - .970)
Snap/Clip-Lock Environmentally Sealed - Circular
Receptacle, In-line* (Cable-to-Cable) (Type R) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC


Podobny numer części - SLC10P510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-1 CANDD-SLC100-1 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-10 CANDD-SLC100-10 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Podobny opis - SLC10P510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com