Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5385 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADL5385
Szczegółowy opis  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5385 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADL5385 Datasheet HTML 2Page - Analog Devices ADL5385 Datasheet HTML 3Page - Analog Devices ADL5385 Datasheet HTML 4Page - Analog Devices ADL5385 Datasheet HTML 5Page - Analog Devices ADL5385 Datasheet HTML 6Page - Analog Devices ADL5385 Datasheet HTML 7Page - Analog Devices ADL5385 Datasheet HTML 8Page - Analog Devices ADL5385 Datasheet HTML 9Page - Analog Devices ADL5385 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5370
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended; baseband I/Q amplitude = 1.4 V p-p differential sine waves in quadrature with a 500 mV
dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
8
0
1
2
3
4
5
6
7
250
450
650
850
1050
1250
1450
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Temperature
8
0
1
2
3
4
5
6
7
250
450
650
850
1050
1250
1450
VS = 5.25V
VS = 5V
VS = 4.75V
LO FREQUENCY (MHz)
Figure 4. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (fLO)
and Supply
5
0
–5
1
10
100
1000
BASEBAND FREQUENCY (MHz)
Figure 5. I and Q Input Bandwidth Normalized to Gain @ 1 MHz
(fLO = 500 MHz)
250
450
650
850
1050
1250
1450
14
10
12
6
8
2
0
4
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 6. SSB Output 1 dB Compression Point (OP1dB) vs. fLO and Temperature
250
450
650
850
1050
1250
1450
14
10
12
6
8
2
0
4
LO FREQUENCY (MHz)
VS = 5.25V
VS = 4.75V
VS = 5V
Figure 7. SSB Output 1 dB Compression Point (OP1dB) vs. fLO and Supply
0
180
30
330
60
90
270
300
120
240
150
210
S22 OF OUTPUT
S11 OF LOIP
250MHz
250MHz
1450MHz
1450MHz
Figure 8. Smith Chart of LOIP S11 and VOUT S22 .
(fLO from 250 MHz to 1450 MHz)


Podobny numer części - ADL5385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5385 AD-ADL5385 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Podobny opis - ADL5385

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com