Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4412-3ARQZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4412-3ARQZ
Szczegółowy opis  Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4412-3ARQZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4412-3ARQZ Datasheet HTML 5Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 6Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 7Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 8Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 9Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 10Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 11Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 12Page - Analog Devices ADA4412-3ARQZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4412-3
Rev. 0 | Page 9 of 16
THEORY OF OPERATION
The ADA4412-3 is an integrated video filtering and driving
solution that offers variable bandwidth to meet the needs of a
number of different video resolutions. There are three filters
targeted for use with component video signals. The filters
have selectable bandwidths that correspond to the popular
component video standards. Each filter has a sixth-order
Butterworth response that includes group delay optimization.
The group delay variation from 1 MHz to 36 MHz in the
36 MHz section is 7 ns, which produces a fast settling pulse
response.
The ADA4412-3 is designed to operate in many video environ-
ments. The supply range is 5 V to 12 V, single supply or dual
supply, and requires a relatively low nominal quiescent current
of 15 mA per channel. In single-supply applications, the PSRR
is greater than 60 dB, providing excellent rejection in systems
with supplies that are noisy or under-regulated. In applications
where power consumption is critical, the part can be powered
down to draw typically 10 μA by pulling the DISABLE pin to
the most positive rail. The ADA4412-3 is also well-suited for
high encoding frequency applications because it maintains a
stop-band attenuation of over 40 dB to 400 MHz.
The ADA4412-3 is intended to take dc-coupled inputs
from an encoder or other ground referenced video signals.
The ADA4412-3 input is high impedance. No minimum or
maximum input termination is required, though input
terminations above 1 kΩ can degrade crosstalk performance
at high frequencies. No clamping is provided internally. For
applications where dc restoration is required, dual supplies
work best. Using a termination resistance of less than a few
hundred ohms to ground on the inputs and suitably adjusting
the level-shifting circuitry provides precise placement of the
output voltage.
For single-supply applications (VS− = GND), the input voltage
range extends from 100 mV below ground to within 2.0 V of
the most positive supply. Each filter input includes level-shifting
circuitry. The level-shifting circuitry adds a dc component to
ground-referenced input signals so that they can be reproduced
accurately without the output buffers hitting the negative rail.
Because the filters have negative rail input and rail-to-rail
output, dc level shifting is generally not necessary, unless
accuracy greater than that of the saturated output of the driver
is required at the most negative edge. This varies with load but
is typically 100 mV in a dc-coupled, single-supply application. If
ac coupling is used, the saturated output level is higher because
the drivers have to sink more current on the low side. If dual
supplies are used (VS− < GND), no level shifting is required. In
dual-supply applications, the level-shifting circuitry can be used
to take a ground referenced signal and put the blanking level at
ground while the sync level is below ground.
The output drivers on the ADA4412-3 have rail-to-rail output
capabilities with 6 dB gain. Each output is capable of driving
two ac- or dc-coupled, 75 Ω source-terminated loads. If a large
dc output level is required while driving two loads, ac coupling
should be used to limit the power dissipation.


Podobny numer części - ADA4412-3ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4412-3 AD-ADA4412-3_15 Datasheet
385Kb / 16P
   Integrated Triple Video Filter with Selectable
REV. 0
More results

Podobny opis - ADA4412-3ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4411-3 AD-ADA4411-3 Datasheet
397Kb / 16P
   Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
REV. 0
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
   Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
REV. B
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
   Integrated Video Filter with Selectable Cutoff
REV. B
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com