Zakładka z wyszukiwarką danych komponentów |
|
ADN2871 Arkusz danych(PDF) 1 Page - Analog Devices |
|
ADN2871 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 20 page 3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver ADN2871 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2005 Analog Devices, Inc. All rights reserved. FEATURES SFP/SFF and SFF-8472 MSA-compliant SFP reference design available 50 Mbps to 4.25 Gbps operation Automatic average power control Typical rise/fall time 60ps Supports VCSEL, DFB, and FP lasers Bias current range 2 mA to 100 mA Modulation current range 5 mA to 90 mA Laser fail alarm and automatic laser shutdown (ALS) Bias and modulation current monitoring 3.3 V operation 4 mm × 4 mm LFCSP Voltage setpoint control Resistor setpoint control Pin-compatible with ADN2870 APPLICATIONS 1×/2×/4× Fibre Channel SFP/SFF modules Multirate OC3 to OC48-FEC SFP/SFF modules LX-4 modules DWDM/CWDM SFP modules 1GE SFP/SFF transceiver modules VCSEL, DFB, and FP transmitters GENERAL DESCRIPTION The ADN2871 laser diode driver is designed for advanced SFP and SFF modules, using SFF-8472 digital diagnostics. The ADN2871 supports operation from 50 Mbps to 4.25 Gbps. Average power and extinction ratio can be set with a voltage provided by a microcontroller DAC or by a trimmable resistor or digital potentiometer. The average power control loop is implemented using feedback from a monitor photodiode. The part provides bias and modulation current monitoring as well as fail alarms and automatic laser shutdown. The device interfaces easily with the ADI ADuC70xx family of micro- converters and with the ADN289x family of limiting amplifiers to make a complete SFP/SFF transceiver solution. An SFP reference design is available. The product is pin-compatible with the ADN2870 dual-loop LDD, allowing one PC board layout to work with either device. For dual-loop applications, refer to the ADN2870 data sheet. The product is available in a space-saving 4 mm × 4 mm LFCSP specified over the −40°C to +85°C temperature range. Figure 1 shows an application diagram of the voltage setpoint control with single-ended laser interface. Figure 36 shows a differential laser interface. ADI MICROCONTROLLER Tx_DISABLE Tx_FAULT CONTROL PAVREF PAVSET ADN2871 RPAV GND DAC DAC VCC MPD ERREF ERSET GND IMOD DATAP IMODP DATAN IMODN IBMON IMMON ALS FAIL IBIAS 100 Ω CCBIAS VCC LASER L R VCC VCC VCC GND GND PAVCAP 470 Ω 1k Ω GND GND NC 1k Ω 1k Ω ADC VCC ×100 Figure 1. Application Diagram of Voltage Setpoint Control with Single-Ended Laser Interface |
Podobny numer części - ADN2871 |
|
Podobny opis - ADN2871 |