Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRG4PC60F-PPBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRG4PC60F-PPBF
Szczegółowy opis  INSULATED GATE BIPOLAR TRANSISTOR (Fast Speed IGBT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC60F-PPBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRG4PC60F-PPBF Datasheet HTML 1Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 2Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 3Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 4Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 5Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 6Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 7Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4PC60F-PPbF
4
www.irf.com
Fig. 6- Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
1.0
2.0
3.0
IC = 120A
VGE = 15V
80µs PULSE WIDTH
IC = 60A
IC = 30A
25
50
75
100
125
150
TC, Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
V GE = 15V


Podobny numer części - IRG4PC60F-PPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRG4PC60F-P IRF-IRG4PC60F-P Datasheet
119Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
More results

Podobny opis - IRG4PC60F-PPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRG4BC40FPBF IRF-IRG4BC40FPBF Datasheet
260Kb / 8P
   Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC30FPBF IRF-IRG4PC30FPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC60FPBF IRF-IRG4PC60FPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30FPBF IRF-IRG4BC30FPBF Datasheet
218Kb / 8P
   Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR
IRG4MC30F IRF-IRG4MC30F Datasheet
142Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50FPBF IRF-IRG4PC50FPBF Datasheet
304Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC60F-P IRF-IRG4PC60F-P Datasheet
119Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com