Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP2189-RFID Arkusz danych(PDF) 10 Page - WJ Communication. Inc.

Numer części FP2189-RFID
Szczegółowy opis  1 - Watt HFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WJCI [WJ Communication. Inc.]
Strona internetowa  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189-RFID Arkusz danych(HTML) 10 Page - WJ Communication. Inc.

Back Button FP2189-RFID Datasheet HTML 5Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 6Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 7Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 8Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 9Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 10Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 11Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 12Page - WJ Communication. Inc. FP2189-RFID Datasheet HTML 13Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP2189
1 - Watt HFET
Product Information
Reference Design: 3400 – 3600 MHz
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 250 mA, 25°C
Frequency
MHz
3400
3500
3600
S21 – Gain
dB
12.6
13.0
12.9
S11 – Input Return Loss
dB
-15
-28
-12
S22 – Output Return Loss
dB
-7.6
-7.9
-9.1
Output P1dB
dBm
+30.9
+30.9
+30.8
Output IP3
(+15 dBm / tone, 1 MHz spacing)
dBm
+43.8
+43.6
+43.8
The 3.4 – 3.6 GHz Reference Circuit is shown for design purposes only. An
evaluation board is not readily available for this application. The reader can
obtain an FP2189-PCB2140S evaluation board and modify it with the circuit
shown to achieve the performance shown in this reference design.
3.2
3.3
3.4
3.5
3.6
3.7
3.8
Frequency (GHz)
S-Parameters
-30
-20
-10
0
10
20
DB(|S[1,1]|)
DB(|S[2,1]|)
DB(|S[2,2]|)
RES
R=
ID=
6.2 Ohm
R2
CAP
C=
ID=
0.3 pF
C10
IND
L=
ID=
5.6 nH
L1
RES
R=
ID=
20 Ohm
R1
CAP
C=
ID=
22 pF
C1
CAP
C=
ID=
DNP pF
C2
IND
L=
ID=
15 nH
L2
CAP
C=
ID=
22 pF
C7
CAP
C=
ID=
1000 pF
C6
CAP
C=
ID=
1e4 pF
C8
CAP
C=
ID=
22 pF
C9
CAP
C=
ID=
0.7 pF
C5
CAP
C=
ID=
33 pF
C3
CAP
C=
ID=
1.1 pF
C4
IND
L=
ID=
2.7 nH
L3
1
2
SUBCKT
NET=
ID=
"FP2189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds=8V @ 250 mA
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip lin e has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C7, C9
22 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C4
1.1 pF
Chip capacitor
0603
C5
0.7 pF
Chip capacitor
0603
C6
1000 pF
Chip capacitor
0603
C8
0.1
µF
Chip capacitor
1206
C10
0.3 pF
Chip capacitor
0603
L1
5.6 nH
Multilayer chip inductor
0603
L2
15 nH
Multilayer chip inductor
0603
L3
2.7 nH
Multilayer chip inductor
0603
R1
20 O
Chip resistor
0603
R2
6.2 O
Chip resistor
0603
Q1
FP2189
WJ 1W HFET
SOT-89
C2
Do Not Place


Podobny numer części - FP2189-RFID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP2189-G WJCI-FP2189-G Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
FP2189-PCB1900S ETC-FP2189-PCB1900S Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
WJ Communication. Inc.
FP2189-PCB1900S WJCI-FP2189-PCB1900S Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
FP2189-PCB2140S ETC-FP2189-PCB2140S Datasheet
451Kb / 6P
   high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
logo
WJ Communication. Inc.
FP2189-PCB2140S WJCI-FP2189-PCB2140S Datasheet
610Kb / 12P
   1-Watt HFET
More results

Podobny opis - FP2189-RFID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
TriQuint Semiconductor
TGF2961-SD TRIQUINT-TGF2961-SD Datasheet
656Kb / 20P
   1 Watt DC-4 GHz Packaged HFET
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
   0.05 - 6 GHz, 0.5 Watt GaAs HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com