Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9640BCPZ-105 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9640BCPZ-105
Szczegółowy opis  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9640BCPZ-105 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9640BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 13Page - Analog Devices AD9640BCPZ-105 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 10 of 41
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Table 7. LFCSP Parallel CMOS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Function
20, 64
DRGND
Gnd
Digital Output Ground
1, 21
DRVDD
Supply
Digital Output Driver Supply (1.8V to 3.3V)
24, 57
DVDD
Supply
Digital Power Supply (1.8V Nominal)
36, 45, 46
AVDD
Supply
Analog Power Supply (1.8V Nominal)
0
AGND
Gnd
Analog Ground (Pin 0 is the exposed thermal pad on the bottom of the package)


Podobny numer części - AD9640BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640BCPZ-105 AD-AD9640BCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640BCPZ-105 AD-AD9640BCPZ-105 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Podobny opis - AD9640BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com