Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCMP670-1AUJ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADCMP670-1AUJ
Szczegółowy opis  Dual Comparators with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADCMP670-1AUJ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADCMP670-1AUJ Datasheet HTML 2Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 3Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 4Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 5Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 6Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 7Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 8Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 9Page - Analog Devices ADCMP670-1AUJ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADCMP670
Preliminary Technical Data
Rev. PrB | Page 6 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
4
6
OUTB
GND
-INB
OUTA
ADCMP670-1
3
+INA
5
Vs
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTA
Open Drain Output for comparator A. Capable of sinking up to 40mA of current.
2
GND
Ground.
3
+INA
Monitors Analog Input Voltage on comparator A. Connected to noninverting input. The other input of
comparator A is connected to a 400mV reference.
4
-INB
Monitors Analog Input Voltage on comparator B. Connected to inverting input. The other input of
comparator B is connected to a 400mV reference.
5
Vs
Power Supply. Operates from 1.7V to 5.5V.
6
OUTB
Open Drain Output for comparator B. Capable of sinking up to 40mA of current.


Podobny numer części - ADCMP670-1AUJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCMP670-1YUJZ-RL7 AD-ADCMP670-1YUJZ-RL7 Datasheet
322Kb / 16P
   Dual Low Power 1.5% Comparator With 400 mV Reference
REV. 0
More results

Podobny opis - ADCMP670-1AUJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCMP341 AD-ADCMP341 Datasheet
148Kb / 13P
   Dual Comparators with 400mV Reference and programmable Hysteresis
Rev. PrD
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1841 LINER-LTC1841 Datasheet
249Kb / 12P
   Ultralow Power Dual Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com