Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1434YRUZ-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG1434YRUZ-REEL7
Szczegółowy opis  4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1434YRUZ-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG1434YRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG1434YRUZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1433/ADG1434
Rev. 0 | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
7
0
–15
SOURCE OR DRAIN VOLTAGE (V)
15
TA = +25°C
TA = +85°C
TA = –40°C
TA = +125°C
VDD = +15V
VSS = –15V
6
5
4
3
2
1
–10
–5
0
5
10
5
6
0
–16.5
15.5
SOURCE OR DRAIN VOLTAGE (V)
4
3
2
1
–12.5
–8.5
–4.5
–0.5
3.5
7.5
11.5
VDD = +15V, VSS = –15V
VDD = +13.5V, VSS = –13.5V
VDD = +12V, VSS = –12V
VDD = +10V, VSS = –10V
VDD = +16.5V, VSS = –16.5V
TA = 25°C
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
15 V Dual Supply
Figure 8. On Resistance as a Function of VD (VS), Dual Supply
12
0
–5
SOURCE OR DRAIN VOLTAGE (V)
5
10
8
6
4
2
–4
–3
–2
–1
01234
TA = +25°C
TA = +85°C
TA = –40°C
TA = +125°C
VDD = +5V
VSS = –5V
5
9
6
7
8
0
–7
–4
–5
–6
7
SOURCE OR DRAIN VOLTAGE (V)
4
3
2
1
–3 –2 –1
0
5
4
3
12
6
VDD = +7V, VSS = –7V
VDD = +5.5V, VSS = –5.5V
VDD = +5V, VSS = –5V
VDD = +4.5V, VSS = –4.5V
TA = 25°C
Figure 12. On Resistance as a Function of VD (VS) for Different Temperatures,
5 V Dual Supply
Figure 9. On Resistance as a Function of VD (VS), Dual Supply
12
13
0
0
SOURCE OR DRAIN VOLTAGE (V)
11
10
9
8
7
6
5
4
3
2
1
1
2
3
4
5
6
7
8
9
10
11 12 13
VDD = 12V
VDD = 13.2V
VDD = 10.8V
VDD = 8V
VDD = 5V
TA = 25°C
VSS = 0V
10
0
0
SOURCE OR DRAIN VOLTAGE (V)
12
9
8
7
6
5
4
3
2
1
24
68
10
TA = +25°C
TA = +85°C
TA = –40°C
TA = +125°C
VDD = 12V
VSS = 0V
Figure 10. On Resistance as a Function of VD (VS), Single Supply
Figure 13. On Resistance as a Function of VD (VS) for Different Temperatures,
12 V Single Supply


Podobny numer części - ADG1434YRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436YCPZ-500RL7 AD-ADG1436YCPZ-500RL7 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
More results

Podobny opis - ADG1434YRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com