Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5519ACPZ-WP Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADL5519ACPZ-WP
Szczegółowy opis  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-WP Arkusz danych(HTML) 3 Page - Analog Devices

  ADL5519ACPZ-WP Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 3 of 27
SPECIFICATIONS
VPOS = 5 V, CLPF = 1000 pF, TA = 25°C, 52.3 Ω termination resistor at INHI, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
INH[A, B] (Pins 19. 24)
Specified Frequency Range
0.001
10
GHz
DC Common-Mode Voltage
VPOS – 0.6
V
MEASUREMENT MODE
OUT[A, B] (Pins 12, 7) shorted to VST[A,B] (Pin 13, 6),
OUT[P, N] (Pins 10, 9) shorted to FBK[A, B] [Pins 11, 8]
respectively, sinusoidal input signal, error referred to
best fit line using linear regression @ PINH[A, B] = −40
dBm and −20 dBm, TA = +25
°C
f = 100 MHz
ADJA = ADJB = TBD to GND
Input Impedance
TBD
Ω||pF
OUT[A, B]
±1 dB Dynamic Range
TA = +25
°C
50
dB
−40
°C < T
A
< +85
°C
46
dB
−40
°C < T
A
< +125
°C
TBD
dB
OUT[A, B] Maximum Input Level
±1 dB error
−3
dBm
OUT[A, B] Minimum Input Level
±1 dB error
−53
dBm
OUT[A, B, P, N] Slope
TBD
−22
TBD
mV/dB
OUT[A, B] Intercept
TBD
15
TBD
dBm
Output Voltage - High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
TBD
0.58
TBD
V
Output Voltage - Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
TBD
1.27
TBD
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
TBD
dB
OUTP-OUTN Dynamic Gain Range
±1 dB error
TBD
dB
−40°C < TA < 85°C
TBD
dB
Temperature Sensitivity
OUTP-OUTN Dynamic Gain Range
TBD
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
TBD
dB
Input A to Input B Isolation
TBD
dB
Input A to OUTB Isolation
Freq separation = 1 kHz
TBD
Input B to OUTA Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
TBD
dB
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
TBD
dB
f = 900 MHz
ADJA = ADJB = TBD to GND
Input Impedance
TBD
Ω||pF
OUT[A, B]
±1 dB Dynamic Range
TA = +25
°C
50
dB
−40
°C < T
A
< +85
°C
46
dB
−40
°C < T
A
< +125
°C
TBD
OUT[A, B] Maximum Input Level
±1 dB error
−3
dBm
OUT[A, B] Minimum Input Level
±1 dB error
−53
dBm
OUT[A, B, P, N] Slope
TBD
−22
TBD
mV/dB
OUT[A, B] Intercept
TBD
15
TBD
dBm
Output Voltage - High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
TBD
0.58
TBD
V
Output Voltage - Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
TBD
1.27
TBD
V


Podobny numer części - ADL5519ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5519ACPZ-WP AD-ADL5519ACPZ-WP Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
ADL5519ACPZ-WP AD-ADL5519ACPZ-WP Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
More results

Podobny opis - ADL5519ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com