Zakładka z wyszukiwarką danych komponentów |
|
ADG702LBRTZ-REEL Arkusz danych(PDF) 5 Page - Analog Devices |
|
ADG702LBRTZ-REEL Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 12 page ADG701L/ADG702L Rev. 0 | Page 5 of 12 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to GND −0.3 V to +7 V Analog, Digital Inputs1 −0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Continuous Current, S or D 30 mA Peak Current, S or D 100 mA, pulsed at 1 ms, 10% duty cycle maximum Operating Temperature Range Industrial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C MSOP Package, Power Dissipation 315 mW θJA Thermal Impedance 206°C/W θJC Thermal Impedance 44°C/W SOT-23 Package, Power Dissipation 282 mW θJA Thermal Impedance 229.6°C/W θJC Thermal Impedance 91.99°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Lead-free Reflow Soldering Peak Temperature 260 (+0/−5)°C Time at Peak Temperature 10 sec to 40 sec ESD 2 kV 1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada- tion or loss of functionality. |
Podobny numer części - ADG702LBRTZ-REEL |
|
Podobny opis - ADG702LBRTZ-REEL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |