Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM483JR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADM483JR
Szczegółowy opis  5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM483JR Arkusz danych(HTML) 1 Page - Analog Devices

  ADM483JR Datasheet HTML 1Page - Analog Devices ADM483JR Datasheet HTML 2Page - Analog Devices ADM483JR Datasheet HTML 3Page - Analog Devices ADM483JR Datasheet HTML 4Page - Analog Devices ADM483JR Datasheet HTML 5Page - Analog Devices ADM483JR Datasheet HTML 6Page - Analog Devices ADM483JR Datasheet HTML 7Page - Analog Devices ADM483JR Datasheet HTML 8Page - Analog Devices ADM483JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V Low Power, Slew-Rate Limited
RS-485/RS-422 Transceiver
ADM483
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
EIA RS-485/RS-422-compliant
Data rates up to 250 kbps
Slew-rate limited for low EMI
100 nA supply current in shutdown mode
Low power consumption (120 µA)
Up to 32 transceivers on one bus
Outputs high-z when disabled or powered off
–7 V to +12 V bus common-mode range
Thermal shutdown and short-circuit protection
Pin-compatible with MAX483
Specified over –40°C to +85°C temperature range
Available in 8-lead SOIC package
APPLICATIONS
Low power RS-485 applications
EMI sensitive systems
DTE-DCE interfaces
Industrial control
Packet switching
Local area networks
Level translators
FUNCTIONAL BLOCK DIAGRAM
RO
RE
R
DE
DI
D
A
B
GND
VCC
ADM483
Figure 1.
GENERAL DESCRIPTION
The ADM483 is a low power differential line transceiver suitable
for half-duplex data communication on multipoint bus trans-
mission lines. It is designed for balanced data transmission, and
complies with EIA Standards RS-485 and RS-422.The part
contains a differential line driver and a differential line receiver.
Both share the same differential pins, with either the driver or
the receiver being enabled at any given time.
The device has an input impedance of 12 kΩ, allowing up to
32 transceivers on one bus. Since only one driver should be
enabled at any time, the output of a disabled or powered-down
driver is three-stated to avoid overloading the bus. This high
impedance driver output is maintained over the entire
common-mode voltage range from –7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The driver outputs are slew-rate limited to reduce EMI and data
errors caused by reflections from improperly terminated buses.
Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit.
The part is fully specified over the industrial temperature range,
and is available in an 8-lead SOIC package.


Podobny numer części - ADM483JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM483JR AD-ADM483JR Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR AD-ADM483JR Datasheet
310Kb / 16P
   5V Low Power, Slew-Rate Limited
REV. 0
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483JR-REEL AD-ADM483JR-REEL Datasheet
310Kb / 16P
   5V Low Power, Slew-Rate Limited
REV. 0
ADM483JR-REEL7 AD-ADM483JR-REEL7 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
More results

Podobny opis - ADM483JR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM383 AD-ADM383_15 Datasheet
310Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
ADM483 AD-ADM483 Datasheet
218Kb / 16P
   5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
REV. 0
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com