Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS51024A Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części CS51024A
Szczegółowy opis  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51024A Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button CS51024A Datasheet HTML 3Page - ON Semiconductor CS51024A Datasheet HTML 4Page - ON Semiconductor CS51024A Datasheet HTML 5Page - ON Semiconductor CS51024A Datasheet HTML 6Page - ON Semiconductor CS51024A Datasheet HTML 7Page - ON Semiconductor CS51024A Datasheet HTML 8Page - ON Semiconductor CS51024A Datasheet HTML 9Page - ON Semiconductor CS51024A Datasheet HTML 10Page - ON Semiconductor CS51024A Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
9
Synchronization
A bi−directional synchronization is provided to synchronize
several controllers. When SYNC pins are connected together,
the converters will lock to the highest switching frequency. The
fastest controller becomes the master, producing a 4.3 V, 200
ns pulse train. Only one, the highest frequency SYNC signal,
will appear on the SYNC line.
Sleep
The sleep input is an active high input. The CS51022A/4A
is placed in sleep mode when SLEEP is driven high. In sleep
mode, the controller and MOSFET are turned off. Connect
to GND for normal operation. The sleep mode operates at
VCC
≤ 15 V.
Oscillator and Duty Cycle Limit
The switching frequency is set by RT and CT connected to
the RTCT pin. CT charges and discharges between 3.0 V and
1.5 V.
The maximum duty cycle is set by the ratio of the on time,
tON, and the whole period, T = tON + tOFF. Because the timing
capacitor’s discharge current is trimmed, the maximum duty
cycle is well defined. It is determined by the ratio between the
timing resistor RT and the timing capacitor CT. Refer to figures
6 and 7 to select appropriate values for RT and CT.
fSW +
1
TSW
;TSW + tCH ) tDIS
5
2500
RT (kW)
2000
1500
1000
500
0
100
90
80
70
60
50
40
10
15
20
25
30
35
40
45
50
5
10
15
20
25
30
35
40
45
50
55
RT (kW)
1
2
3
4
5
6
8
7
2
1
3
4
8
7
5
6
1. CT = 47 pF
2. CT = 100 pF
3. CT = 150 pF
4. CT = 220 pF
5. CT = 390 pF
6. CT = 470 pF
7. CT = 560 pF
8. CT = 680 pF
1. CT = 47 pF
2. CT = 100 pF
3. CT = 150 pF
4. CT = 220 pF
5. CT = 390 pF
6. CT = 470 pF
7. CT = 560 pF
8. CT = 680 pF
Figure 6. Frequency vs. RT for Discrete
Capacitor Values
Figure 7. Duty Cycle vs. RT for Discrete
Capacitor Values
ORDERING INFORMATION
Device
Package
Shipping
CS51021AED16
SOIC−16
48 Units / Rail
CS51021AEDR16
2500 Tape & Reel
CS51021AEDR16G
SOIC−16
(Pb−Free)
CS51022ADBG
TSSOP−16*
48 Units / Rail
CS51022ADBR2G
TSSOP−16*
2500 Tape & Reel
CS51022AED16
SOIC−16
48 Units / Rail
CS51022AEDR16
2500 Tape & Reel
CS51022AEDR16G
SOIC−16
(Pb−Free)
CS51023AED16
SOIC−16
48 Units / Rail
CS51023AEDR16
2500 Tape & Reel
CS51023AEDR16G
SOIC−16
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Podobny numer części - CS51024A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS51024 CHERRY-CS51024 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024ED16 CHERRY-CS51024ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024EDR16 CHERRY-CS51024EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

Podobny opis - CS51024A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com