Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM202EARUZ-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADM202EARUZ-REEL7
Szczegółowy opis  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM202EARUZ-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADM202EARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM202EARUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 6 of 16
GENERAL DESCRIPTION
The ADM202E/ADM1181E are rugged RS-232 line
drivers/receivers. Step-up voltage converters coupled with level-
shifting transmitters and receivers allow RS-232 levels to be
developed while operating from a single 5 V supply.
Features include low power consumption, high transmission
rates, and compliance with the EU directive on electromagnetic
compatibility. EM compatibility includes protection against
radiated and conducted interference, including high levels of
electrostatic discharge.
All inputs and outputs contain protection against electrostatic
discharges of up to ±15 kV and electrical fast transients of up
to ±2 kV. This ensures compliance to IEC1000-4-2 and
IEC1000-4-4 requirements.
The devices are ideally suited for operation in electrically harsh
environments or where RS-232 cables are frequently being
plugged/unplugged. They are also immune to high RF field
strengths without special shielding precautions.
CMOS technology is used to minimize the power dissipation,
allowing maximum battery life in portable applications.
The ADM202E/ADM1181A serve as a modification,
enhancement, and improvement to the ADM230–ADM241
family and its derivatives. It is essentially plug-in compatible
and do not have materially different applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of four main sections:
A charge-pump voltage converter
5 V logic to EIA-232 transmitters
EIA-232 to 5 V logic receivers.
Transient protection circuit on all I/O lines
Charge-Pump DC-to-DC Voltage Converter
The charge-pump voltage converter consists of a 200 kHz
oscillator and a switching matrix. The converter generates a
±10 V supply from the input 5 V level. This is done in two stages,
using a switched capacitor technique, as illustrated in Figure 6
and Figure 7. First, the 5 V input supply is doubled to 10 V, using
Capacitor C1 as the charge storage element. The 10 V level is
then inverted to generate −10 V, using C2 as the storage element.
Capacitor C3 and Capacitor C4 are used to reduce the output
ripple. Their values are not critical and can be increased if
desired. On the ADM202E, Capacitor C3 is shown connected
between V+ and VCC, whereas it is connected between V+ and
GND on the ADM1181A. It is acceptable to use either
configuration with both the ADM202E and ADM1181A. If
desired, larger capacitors (up to 47 µF) can be used for
Capacitor C1 to Capacitor C4. This facilitates direct substitution
with older generation charge-pump RS-232 transceivers.
S1
S2
C1
S4
S3
C3
V+ = 2VCC
VCC
VCC
GND
INTERNAL
OSCILLATOR
NOTE: C3 CONNECTS BETWEEN V+ AND GND ON THE ADM1181A
Figure 6. Charge-Pump Voltage Doubler
S1
S2
C2
S4
S3
C4
V– = –(V+)
V+
GND
INTERNAL
OSCILLATOR
GND
FROM
VOLTAGE
DOUBLER
Figure 7. Charge-Pump Voltage Inverter
Transmitter (Driver) Section
The drivers convert 5 V logic input levels into RS-232 output
levels. When driving an RS-232 load with VCC = 5 V, the output
voltage swing is typically ±9 V.
Receiver Section
The receivers are inverting level shifters that accept RS-232
input levels and translate them into 5 V logic output levels. The
inputs have internal 5 kΩ pull-down resistors to ground and are
also protected against overvoltages of up to ±30 V. Unconnected
inputs are pulled to 0 V by the internal 5 kΩ pull-down resistor.
Therefore, unconnected inputs and those connected to GND
have a Logic 1 output level.
The receivers have Schmitt-trigger inputs with a hysteresis level
of 0.65 V. This ensures error-free reception for both noisy
inputs and inputs with slow transition times.
HIGH BAUD RATE
The ADM202E/ADM1181A feature high slew rates, permitting
data transmission at rates well in excess of the EIA/RS-232-E
specifications. RS-232 voltage levels are maintained at data rates
of up to 230 kbps, even under worst case loading conditions.
This allows for high speed data links between two terminals and
is also suitable for the new generation ISDN modem standards,
which require data rates of 230 kbps. The slew rate is internally
controlled to less than 30 V/µs to minimize EMI interference.


Podobny numer części - ADM202EARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM202EARUZ-REEL7 AD-ADM202EARUZ-REEL7 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Podobny opis - ADM202EARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com