Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL34DTG Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC100LVEL34DTG
Szczegółowy opis  3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL34DTG Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC100LVEL34DTG Datasheet HTML 2Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 3Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 4Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 5Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 6Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 7Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 8Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 9Page - ON Semiconductor MC100LVEL34DTG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC100LVEL34
http://onsemi.com
9
PACKAGE DIMENSIONS
TSSOP−16
CASE 948F−01
ISSUE B
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH. PROTRUSIONS OR GATE BURRS.
MOLD FLASH OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL
IN EXCESS OF THE K DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
__
_
_
SECTION N−N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
16X
REF
K
N
N
7.06
16X
0.36
16X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Podobny numer części - MC100LVEL34DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL34DTG ONSEMI-MC100LVEL34DTG Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34DTG ONSEMI-MC100LVEL34DTG Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
More results

Podobny opis - MC100LVEL34DTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com