Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX1206MRNP06BB5 Arkusz danych(PDF) 7 Page - Continental Device India Limited

Numer części CX1206MRNP06BB5
Szczegółowy opis  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX1206MRNP06BB5 Arkusz danych(HTML) 7 Page - Continental Device India Limited

Back Button CX1206MRNP06BB5 Datasheet HTML 3Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 4Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 9Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 10Page - Continental Device India Limited CX1206MRNP06BB5 Datasheet HTML 11Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
SELECTION CHART FOR X7R SIZES 0603, 0805, 1206 (1)
Y-CAPACITOR
X-CAPACITOR
SIZE
CAP.
(nF)
VOLTAGE
RATING
(V)
CAP.
(nF)
VOLTAGE
RATING
(V)
THICKNESS
(mm)
CTC ORDERING CODE
(2) (3)
1.5
100
0.75
200
0.60
CX 0603 MR X7R 0BB 152
2.2
100
1.1
200
0.60
CX 0603 MR X7R 0BB 222
4.7
100
2.4
200
0.60
CX 0603 MR X7R 0BB 472
5.6
100
2.8
200
0.60
CX 0603 MR X7R 0BB 562
10
50 / 63
5
100
0.60
CX 0603 MR X7R 9BB 103
22
25
11
50
0.60
CX 0603 MR X7R 7BB 223
47
16
24
32
0.60
CX 0603 MR X7R 7BB 473
56
16
28
32
0.60
CX 0603 MR X7R 8BB 563
0603
100
10
50
20
0.60
CX 0603 MR X7R 6BB 104
4.7
100
24
200
0.85
CX 0805 MR X7R 0BB 472
0805
10
100
5
200
0.85
CX 0805 MR X7R 0BB 103
15
50 / 63
8
100
0.85
CX 0805 MR X7R 9BB 153
18
50 / 63
9
100
0.85
CX 0805 MR X7R 9BB 183
22
25
11
50
0.85
CX 0805 MR X7R 8BB 223
39
25
20
50
0.85
CX 0805 MR X7R 8BB 393
47
16
24
32
0.85
CX 0805 MR X7R 7BB 473
100
16
50
32
0.85
CX 0805 MR X7R 7BB 104
180
10
90
20
0.85
CX 0805 MR X7R 7BB 184
22
100
11
200
1.20
CX 1206 MK X7R 0BB 223
47
50 / 63
24
100
1.20
CX 1206 MK X7R 9BB 473
1206
100
50 / 63
50
100
1.20
CX 1206 MK X7R 9BB 104
180
25
90
50
1.20
CX 1206 MK X7R 8BB 184
220
16
110
32
1.20
CX 1206 MK X7R 7BB 224
390
16
195
32
1.20
CX 1206 MK X7R 7BB 394
470
10
235
20
1.20
CX 1206 MK X7R 6BB 474
820
10
410
20
1.20
CX 1206 MK X7R 6BB 824
Notes
1. Other values available on request.
2. Ordering codes for preferred versions (
±20% tolerance, 180 mm reel). For other packing and tolerance see
section “Ordering Code Information”.
3. For 12NC ordering codes see Table 2.
2006 Nov.21 V.11
7
www.yageo.com


Podobny numer części - CX1206MRNP06BB5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
CX1206MRNP06BB5 PULSE-CX1206MRNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Podobny opis - CX1206MRNP06BB5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com