Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2818ACP-RL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADN2818ACP-RL7
Szczegółowy opis  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2818ACP-RL7 Arkusz danych(HTML) 5 Page - Analog Devices

  ADN2818ACP-RL7 Datasheet HTML 1Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 2Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 3Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 4Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 5Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 6Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 7Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 8Page - Analog Devices ADN2818ACP-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 5 of 35
OUTPUT AND TIMING SPECIFICATIONS
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
CML OUPUT CHARACTERISTICS
(CLKOUTP/N, DATAOUTP/N)
Single-Ended Output Swing
VSE (see Figure 3)
300
350
600
mV
Differential Output Swing
VDIFF (see Figure 3)
600
700
1200
mV
Output High Voltage
VOH
VCC
V
Output Low Voltage
VOL
VCC − 0.6
VCC − 0.35
VCC − 0.3
V
CML Ouputs Timing
Rise Time
20% to 80%
TBD
ps
Fall Time
80% to 20%
TBD
ps
Setup Time
TS (see Figure 2), OC-48
150
200
250
ps
Hold Time
TH (see Figure 2), OC-48
150
200
250
ps
I2C INTERFACE DC CHARACTERISTICS
LVCMOS
Input High Voltage
VIH
0.7 VCC
V
Input Low Voltage
VIL
0.3 VCC
V
Input Current
VIN = 0.1 VCC or VIN = 0.9 VCC
−10.0
+10.0
μA
Output Low Voltage
VOL, IOL = 3.0 mA
0.4
V
I2C INTERFACE TIMING
(See Figure 11)
SCK Clock Frequency
400
kHz
SCK Pulse Width High
tHIGH
600
ns
SCK Pulse Width Low
tLOW
1300
ns
Start Condition Hold Time
tHD;STA
600
ns
Start Condition Setup Time
tSU;STA
600
ns
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
300
ns
SCK/SDA Rise/Fall Time
TR/TF
20 + 0.1 Cb1
300
ns
Stop Condition Setup Time
tSU;STO
600
ns
Bus Free Time between a Stop and a Start
tBUF
1300
ns
REFCLK CHARACTERISTICS
Optional lock to REFCLK mode
Input Voltage Range
@ REFCLKP or REFCLKN
VIL
0
V
VIH
VCC
V
Minimum Differential Input Drive
100
mV p-p
Reference Frequency
12.3
200
MHz
Required Accuracy
100
ppm
LVTTL DC INPUT CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input High Current
IIH, VIN = 2.4 V
5
μA
Input Low Current
IIL, VIN = 0.4 V
−5
μA
LVTTL DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH, IOH = −2.0 mA
2.4
V
Output Low Voltage
VOL, IOL = 2.0 mA
0.4
V
1 Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster fall-times are allowed (see Table 6).


Podobny numer części - ADN2818ACP-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Podobny opis - ADN2818ACP-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com