Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF538BBCZ-4F4 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADSP-BF538BBCZ-4F4
Szczegółowy opis  Blackfin Embedded Processor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF538BBCZ-4F4 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADSP-BF538BBCZ-4F4 Datasheet HTML 5Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 6Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 7Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 8Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 9Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 10Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 11Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 12Page - Analog Devices ADSP-BF538BBCZ-4F4 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ADSP-BF538/ADSP-BF538F
Preliminary Technical Data
Rev. PrD
|
Page 9 of 56
|
May 2006
implementation of interleaved data streams. This feature is
especially useful in video applications where data can be de-
interleaved on the fly.
Examples of DMA types supported by the processor DMA con-
troller include:
• A single, linear buffer that stops upon completion
• A circular, auto-refreshing buffer that interrupts on each
full or fractionally full buffer
• 1-D or 2-D DMA using a linked list of descriptors
•2-D DMA using an array of descriptors, specifying only the
base DMA address within a common page
In addition to the dedicated peripheral DMA channels, there are
four memory DMA channels provided for transfers between the
various memories of the ADSP-BF538/ADSP-BF538F proces-
sor’s systems. This enables transfers of blocks of data between
any of the memories—including external SDRAM, ROM,
SRAM, and flash memory—with minimal processor interven-
tion. Memory DMA transfers can be controlled by a very
flexible descriptor based methodology or by a standard register
based autobuffer mechanism.
REAL TIME CLOCK
The ADSP-BF538/ADSP-BF538F processor’s real time clock
(RTC) provides a robust set of digital watch features, including
current time, stopwatch, and alarm. The RTC is clocked by a
32.768 KHz crystal external to the processor. The RTC periph-
eral has dedicated power supply pins so that it can remain
powered up and clocked even when the rest of the processors
are in a low power state. The RTC provides several programma-
ble interrupt options, including interrupt per second, minute,
hour, or day clock ticks, interrupt on programmable stopwatch
countdown, or interrupt at a programmed alarm time.
The 32.768 KHz input clock frequency is divided down to a
1 Hz signal by a prescaler. The counter function of the timer
consists of four counters: a 60 second counter, a 60 minute
counter, a 24 hour counter, and an 32,768 day counter.
When enabled, the alarm function generates an interrupt when
the output of the timer matches the programmed value in the
alarm control register. There are two alarms: The first alarm is
for a time of day. The second alarm is for a day and time of that
day.
The stopwatch function counts down from a programmed
value, with one second resolution. When the stopwatch is
enabled and the counter underflows, an interrupt is generated.
Like the other peripherals, the RTC can wake up the ADSP-
BF538/ADSP-BF538F processor from sleep mode upon genera-
tion of any RTC wakeup event. Additionally, an RTC wakeup
event can wake up the processor from deep sleep mode, and
wake up the on-chip internal voltage regulator from a powered
down state.
Connect RTC pins RTXI and RTXO with external components
as shown in Figure 5.
WATCHDOG TIMER
The ADSP-BF538/ADSP-BF538F processors include a 32-bit
timer that can be used to implement a software watchdog func-
tion. A software watchdog can improve system availability by
forcing the processor to a known state through generation of a
hardware reset, non-maskable interrupt (NMI), or general-pur-
pose interrupt, if the timer expires before being reset by
software. The programmer initializes the count value of the
timer, enables the appropriate interrupt, then enables the timer.
Thereafter, the software must reload the counter before it
counts to zero from the programmed value. This protects the
system from remaining in an unknown state where software,
which would normally reset the timer, has stopped running due
to an external noise condition or software error.
If configured to generate a hardware reset, the watchdog timer
resets both the core and the processor peripherals. After a reset,
software can determine if the watchdog was the source of the
hardware reset by interrogating a status bit in the watchdog
timer control register.
The timer is clocked by the system clock (SCLK), at a maximum
frequency of f
SCLK.
TIMERS
There are four general-purpose programmable timer units in
the ADSP-BF538/ADSP-BF538F processors. Three timers have
an external pin that can be configured either as a pulse width
modulator (PWM) or timer output, as an input to clock the
timer, or as a mechanism for measuring pulse widths and peri-
ods of external events. These timers can be synchronized to an
external clock input to the PF1 pin, an external clock input to
the PPI_CLK pin, or to the internal SCLK.
The timer units can be used in conjunction with the UART to
measure the width of the pulses in the data stream to provide an
auto-baud detect function for a serial channel.
The timers can generate interrupts to the processor core provid-
ing periodic events for synchronization, either to the system
clock or to a count of external signals.
Figure 5. External Components for RTC
RTXO
C1
C2
X1
SUGGESTED COMPONENTS:
ECLIPTEK EC38J (THROUGH-HOLE PACKAGE)
EPSON MC405 12 PF LOAD (SURFACE MOUNT PACKAGE)
C1 = 22 PF
C2 = 22 PF
R1 = 10M OHM
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECIFICATIONS ASSUME BOARD TRACE CAPACITANCE OF 3 PF.
RTXI
R1


Podobny numer części - ADSP-BF538BBCZ-4F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF538BBCZ-4F4 AD-ADSP-BF538BBCZ-4F4 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF538BBCZ-4F4 AD-ADSP-BF538BBCZ-4F4 Datasheet
2Mb / 56P
   Blackfin Embedded Processor
REV. A
More results

Podobny opis - ADSP-BF538BBCZ-4F4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com