Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC7026 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUC7026
Szczegółowy opis  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC7026 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUC7026 Datasheet HTML 4Page - Analog Devices ADUC7026 Datasheet HTML 5Page - Analog Devices ADUC7026 Datasheet HTML 6Page - Analog Devices ADUC7026 Datasheet HTML 7Page - Analog Devices ADUC7026 Datasheet HTML 8Page - Analog Devices ADUC7026 Datasheet HTML 9Page - Analog Devices ADUC7026 Datasheet HTML 10Page - Analog Devices ADUC7026 Datasheet HTML 11Page - Analog Devices ADUC7026 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 8 of 92
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL OSCILLATOR
32.768
kHz
±3
%
MCU CLOCK RATE
From 32 kHz Internal Oscillator
326
kHz
CD = 7
From 32 kHz External Crystal
41.78
MHz
CD = 0
Using an External Clock
0.05
44
MHz
TA = 85°C
0.05
41.78
MHz
TA = 125°C
START-UP TIME
Core clock = 41.78 MHz
At Power-On
130
ms
From Pause/Nap Mode
24
ns
CD = 0
3.06
μs
CD = 7
From Sleep Mode
1.58
ms
From Stop Mode
1.7
ms
PROGRAMMABLE LOGIC ARRAY (PLA)
Pin Propagation Delay
12
ns
From input pin to output pin
Element Propagation Delay
2.5
ns
POWER REQUIREMENTS 13, 14
Power Supply Voltage Range
AVDD − AGND and IOVDD − IOGND
2.7
3.6
V
Analog Power Supply Currents
AVDD Current
200
μA
ADC in idle mode; all parts except ADuC7019
400
μA
ADC in idle mode; ADuC7019 only
DACVDD Current15
3
25
μA
Digital Power Supply Current
IOVDD Current in Normal Mode
Code executing from Flash/EE
7
10
mA
CD = 7
11
15
mA
CD = 3
40
45
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Pause Mode
25
30
mA
CD = 0 (41.78 MHz clock)
IOVDD Current in Sleep Mode
250
400
μA
TA = 85°C
600
1000
μA
TA = 125°C
Additional Power Supply Currents
ADC
2
mA
@ 1 MSPS
0.7
mA
@ 62.5 kSPS
DAC
700
μA
per DAC
1 All ADC channel specifications are guaranteed during normal MicroConverter core operation.
2 Apply to all ADC input channels.
3 Measured using the factory set default values in ADCOF and ADCGN.
4 Not production tested but supported by design and/or characterization data on production release.
5 Measured using the factory set default values in ADCOF and ADCGN using an external AD845 op amp as an input buffer stage as shown in Figure 47. Based on
external ADC system components, the user may need to execute a system calibration to remove external endpoint errors and achieve these specifications (see the
Calibration section).
6 The input signal can be centered on any dc common-mode voltage (VCM) as long as this value is within the ADC voltage input range specified.
7 When using an external reference input pin, the internal reference must be disabled by setting the LSB in the REFCON memory mapped register to 0.
8 DAC linearity is calculated using a reduced code range of 100 to 3995.
9 DAC gain error is calculated using a reduced code range of 100 to internal 2.5 V VREF.
10 Endurance is qualified as per JEDEC Standard 22 method A117 and measured at −40°C, +25°C, +85°C, and +125°C.
11 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22 method A117. Retention lifetime derates with junction temperature.
12 Test carried out with a maximum of eight I/O set to a low output level.
13 Power supply current consumption is measured in normal, pause, and sleep modes under the following conditions: Normal Mode: 3.6 V supply, Pause Mode: 3.6 V
supply, Sleep Mode: 3.6 V supply.
14 IOVDD power supply current decreases typically by 2 mA during a flash/EE erase cycle.
15 On the ADuC7019/20/21/22, this current must be added to AVDD current.


Podobny numer części - ADUC7026

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7026BST62 AD-ADUC7026BST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7026BST62 AD-ADUC7026BST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADuC7026BSTZ62 AD-ADuC7026BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7026BSTZ62-RL AD-ADuC7026BSTZ62-RL Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADuC7026BSTZ62I AD-ADuC7026BSTZ62I Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Podobny opis - ADUC7026

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com