Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1936XSTZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1936XSTZ
Szczegółowy opis  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1936XSTZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD1936XSTZ Datasheet HTML 1Page - Analog Devices AD1936XSTZ Datasheet HTML 2Page - Analog Devices AD1936XSTZ Datasheet HTML 3Page - Analog Devices AD1936XSTZ Datasheet HTML 4Page - Analog Devices AD1936XSTZ Datasheet HTML 5Page - Analog Devices AD1936XSTZ Datasheet HTML 6Page - Analog Devices AD1936XSTZ Datasheet HTML 7Page - Analog Devices AD1936XSTZ Datasheet HTML 8Page - Analog Devices AD1936XSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 5 of 30
Parameter
Comments
Min
Max
Unit
fCCLK
CCLK Frequency
20
MHz
tCDS
CDATA Setup
To CCLK Rising
TBD
ns
tCDH
CDATA Hold
From CCLK Rising
TBD
ns
tCLS
CLATCH Setup
To CCLK Rising
TBD
ns
tCLH
CLATCH Hold
From CCLK Falling
TBD
ns
tCLH
CLATCH High
TBD
ns
tCOE
COUT Enable
From CCLK Falling
TBD
ns
tCOD
COUT Delay
From CCLK Falling
TBD
ns
tCOH
COUT Hold
From CCLK Falling
TBD
ns
tCOTS
COUT Three-State
From CCLK Falling
TBD
ns
fSCL
SCL Clock
Frequency
400
kHz
tSCLH
SCL High
0.6
µS
tSCLL
SCL Low
1.3
µS
tSCS
Setup Time
Relevant for Repeated Start
Condition
0.6
µS
tSCH
Hold Time
After this period the 1st clock is
generated
0.6
µS
tDS
Data Setup Time
100
ns
tSCR
SCL Rise Time
300
ns
tSCF
SCL Fall Time
300
ns
tSDR
SDA Rise Time
300
ns
Start Condition
tSDF
SDA Fall Time
300
ns
I2C PORT
Stop Condition
tSCS
Setup Time
0.6
µS
tDBH
DBCLK High
TBD
ns
tDBL
DBCLK Low
TBD
ns
fDB
DBCLK Frequency
TBD
ns
tDLS
DLRCLK Setup
To DBCLK Rising
TBD
ns
Slave Mode
tDLH
DLRCLK Hold
From DBCLK Rising
TBD
ns
Master Mode
tDLS
DLRCLK Skew
From DBCLK Falling
TBD
TBD
ns
tDDS
DSDATA Setup
To DBCLK Rising
TBD
ns
DAC SERIAL PORT
tDDH
DSDATA Hold
From DBCLK Rising
TBD
ns
tABH
ABCLK High
TBD
ns
tABL
ABCLK Low
TBD
ns
fDB
ABCLK Frequency
TBD
ns
tALS
ALRCLK Setup
To ABCLK Rising
TBD
ns
Slave Mode
tALH
ALRCLK Hold
From ABCLK Rising
TBD
ns
Master Mode
tALS
ALRCLK Skew
From ABCLK Falling
TBD
TBD
ns
ADC SERIAL PORT
tABDD
ASDATA Delay
From ABCLK Falling
TBD
ns
tAXDS
AAUXDATA Setup
To AUXBCLK Rising
TBD
ns
tAXDH
AAUXDATA Hold
From AUXBCLK Rising
TBD
ns
tDXDD
DAUXDATA Delay
From AUXBCLK Falling
TBD
ns
tXBH
AUXBCLK High
TBD
ns
tXBL
AUXBCLK Low
TBD
ns
fXB
AUXBCLK
Frequency
TBD
ns
tDLS
AUXLRCLK Setup
To AUXBCLK Rising
TBD
ns
AUXILIARY INTERFACE
tDLH
AUXLRCLK Hold
From AUXBCLK Rising
TBD
ns
Table 8


Podobny numer części - AD1936XSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1933WBSTZ AD-AD1933WBSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933WBSTZ-RL AD-AD1933WBSTZ-RL Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1933YSTZ-RL AD-AD1933YSTZ-RL Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
AD1934 AD-AD1934 Datasheet
527Kb / 28P
   8-Channel DAC with PLL, 192 kHz, 24 Bits
REV. 0
More results

Podobny opis - AD1936XSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com