Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5602YKSZ-2REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5602YKSZ-2REEL7
Szczegółowy opis  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5602YKSZ-2REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5602YKSZ-2REEL7 Datasheet HTML 1Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 2Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 3Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5602YKSZ-2REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 4 of 24
A, B, W, Y Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode)
DAC active and excluding load current
VDD = 4.5 V to 5.5 V
75
100
μA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
60
90
μA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 4.5 V to 5.5 V
0.3
1
μA
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.15
1
μA
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
96
%
ILOAD = 2 mA, VDD = 5 V
1 Temperature ranges for A, B versions: −40°C to +125°C, typical at 25°C.
2 Linearity calculated using a reduced code range 64 to 4032.
3 Guaranteed by design and characterization, not production tested.
I2C TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, fSCL = 3.4 MHz, unless otherwise noted.1
Table 3.
Limit at TMIN, TMAX
Parameter
Conditions2
Min
Max
Unit
Description
fSCL3
Standard mode
100
KHz
Serial clock frequency
Fast mode
400
KHz
High speed mode, CB = 100 pF
3.4
MHz
High speed mode, CB = 400 pF
1.7
MHz
t1
Standard mode
4
μs
tHIGH, SCL high time
Fast mode
0.6
μs
High speed mode, CB = 100 pF
60
ns
High speed mode, CB = 400 pF
120
ns
t2
Standard mode
4.7
μs
tLOW, SCL low time
Fast mode
1.3
μs
High speed mode, CB = 100 pF
160
ns
High speed mode, CB = 400 pF
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t4
Standard mode
0
3.45
μs
tHD;DAT, data hold time
Fast mode
0
0.9
μs
High speed mode, CB = 100 pF
0
70
ns
High speed mode, CB = 400 pF
0
150
ns
t5
Standard mode
4.7
μs
tSU;STA, set-up time for a repeated start condition
Fast mode
0.6
μs
High speed mode
160
ns
t6
Standard mode
4
μs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
μs
High speed mode
160
ns
t7
Standard mode
4.7
μs
tBUF, bus free time between a stop and a start
condition
Fast mode
1.3
μs


Podobny numer części - AD5602YKSZ-2REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5601 AD-AD5601 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5601BCPZ-RL7 AD-AD5601BCPZ-RL7 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5601BCPZ-RL7 AD-AD5601BCPZ-RL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results

Podobny opis - AD5602YKSZ-2REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com