Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5612YKSZ-1REEL7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD5612YKSZ-1REEL7
Szczegółowy opis  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5612YKSZ-1REEL7 Arkusz danych(HTML) 2 Page - Analog Devices

  AD5612YKSZ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5612YKSZ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
I2C Timing Specifications............................................................ 4
Timing Diagram ........................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
D/A Section................................................................................. 15
Resistor String............................................................................. 15
Output Amplifier........................................................................ 15
Serial Interface ................................................................................ 16
Input Register.............................................................................. 16
Power-On Reset.......................................................................... 17
Power-Down Modes .................................................................. 17
Write Operation.......................................................................... 18
Read Operation........................................................................... 19
High Speed Mode....................................................................... 20
Applications..................................................................................... 21
Choosing a Reference as Power Supply................................... 21
Bipolar Operation....................................................................... 21
Power Supply Bypassing and Grounding................................ 21
Outline Dimensions ....................................................................... 22
Ordering Guide .......................................................................... 23
REVISION HISTORY
3/06—Rev. A to Rev. B
Changes to Table 2............................................................................ 3
Updates to Outline Dimensions ................................................... 22
Changes to Ordering Guide .......................................................... 23
8/05—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 22
6/05—Revision 0: Initial Version


Podobny numer części - AD5612YKSZ-1REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD5611 AD-AD5611 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5611 AD-AD5611 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Podobny opis - AD5612YKSZ-1REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com