Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM1230BRWZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADUM1230BRWZ
Szczegółowy opis  Isolated Half-Bridge Driver, 0.1 A Amp Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM1230BRWZ Arkusz danych(HTML) 5 Page - Analog Devices

  ADUM1230BRWZ Datasheet HTML 1Page - Analog Devices ADUM1230BRWZ Datasheet HTML 2Page - Analog Devices ADUM1230BRWZ Datasheet HTML 3Page - Analog Devices ADUM1230BRWZ Datasheet HTML 4Page - Analog Devices ADUM1230BRWZ Datasheet HTML 5Page - Analog Devices ADUM1230BRWZ Datasheet HTML 6Page - Analog Devices ADUM1230BRWZ Datasheet HTML 7Page - Analog Devices ADUM1230BRWZ Datasheet HTML 8Page - Analog Devices ADUM1230BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADuM1230
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
TST
−55
+150
°C
Ambient Operating
Temperature
TA
−40
+105
°C
Input Supply Voltage1
VDD1
−0.5
+7.0
V
Output Supply Voltage1
VDDA, VDDB
−0.5
+27
V
Input Voltage1
VIA, VIB
−0.5
VDDI + 0.5
V
Output Voltage1
VOA, VOB
−0.5
VDDA + 0.5,
VDDB + 0.5
V
Input-Output Voltage2
−700
+700
VPEAK
Output Differential
Voltage3
700
VPEAK
Output DC Current
IOA, IOB
−20
+20
mA
Common-Mode
Transients4
−100
+100
kV/μs
1 All voltages are relative to their respective ground.
2 Input-to-output voltage is defined as GNDA − GND1 or GNDB − GND1.
3 Output differential voltage is defined as GNDA − GNDB.
4 Refers to common-mode transients across any insulation barrier. Common-
mode transients exceeding the Absolute Maximum Ratings can cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Ambient temperature = 25°C, unless otherwise noted.
Table 7. ADuM1230 Truth Table (Positive Logic)
VIA/VIB Input
VDD1 State
DISABLE
VOA/VOB Output
Notes
H
Powered
L
H
L
Powered
L
L
X
Unpowered
X
L
Output returns to input state within 1 μs of VDDI power restoration.
X
Powered
H
L
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - ADUM1230BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1233 AD-ADUM1233 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233BRWZ AD-ADUM1233BRWZ Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
More results

Podobny opis - ADUM1230BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
   Isolated Precision Half-Bridge Driver, 4 A Output
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
   Galvanically isolated 4 A half-bridge gate driver
July 2022 - Rev 3
logo
Analog Devices
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com