Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5666ARUZ-2 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5666ARUZ-2
Szczegółowy opis  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5666ARUZ-2 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5666ARUZ-2 Datasheet HTML 3Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 4Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 5Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 6Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 7Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 8Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 9Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 10Page - Analog Devices AD5666ARUZ-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5666
Rev. A | Page 7 of 28
AC CHARACTERISTICS
VDD =2.7V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
6
10
μs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
1.5
V/μs
Digital-to-Analog Glitch Impulse
4
nV-s
1 LSB change around major carry (see Figure 29)
Reference Feedthrough
−90
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 Hz to 20 MHz
SDO Feedthrough
3
nV-s
Daisy-chain mode; SDO load is 10 pF
Digital Feedthrough
0.1
nV-s
Digital Crosstalk
0.5
nV-s
Analog Crosstalk
2.5
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
340
kHz
VREF = 2 V ± 0.2 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = 0x8400, 1 kHz
100
nV/√Hz
DAC code = 0x8400, 10 kHz
Output Noise
15
μV p-p
0.1 Hz to 10 Hz
1 Guaranteed by design and characterization; not production tested.
2 See the Terminology section.
3 Temperature range is −40°C to + 105°C, typical at 25°C.


Podobny numer części - AD5666ARUZ-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5666 AD-AD5666 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
More results

Podobny opis - AD5666ARUZ-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com