Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7180BCPZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADV7180BCPZ
Szczegółowy opis  10-Bit, 4 x Oversampling SDTV Video Decoder
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7180BCPZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADV7180BCPZ Datasheet HTML 7Page - Analog Devices ADV7180BCPZ Datasheet HTML 8Page - Analog Devices ADV7180BCPZ Datasheet HTML 9Page - Analog Devices ADV7180BCPZ Datasheet HTML 10Page - Analog Devices ADV7180BCPZ Datasheet HTML 11Page - Analog Devices ADV7180BCPZ Datasheet HTML 12Page - Analog Devices ADV7180BCPZ Datasheet HTML 13Page - Analog Devices ADV7180BCPZ Datasheet HTML 14Page - Analog Devices ADV7180BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
ADV7180
Rev. A | Page 11 of 112
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDD to AGND
2.2 V
DVDD to DGND
2.2 V
PVDD to AGND
2.2 V
DVDDIO to DGND
4 V
DVDDIO to AVDD
−0.3 V to +2 V
PVDD to DVDD
−0.3 V to +0.9 V
DVDDIO to PVDD
–0.3 V to +2 V
DVDDIO to DVDD
−0.3 V to +2 V
AVDD to PVDD
−0.3 V to +0.3 V
AVDD to DVDD
−0.3 V to +0.9 V
Digital Inputs Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Output Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to AGND
AGND − 0.3 V to AVDD + 0.3 V
Maximum Junction Temperature
(TJ max)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION


Podobny numer części - ADV7180BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7180BCPZ AD-ADV7180BCPZ Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7180BCPZ-REEL AD-ADV7180BCPZ-REEL Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results

Podobny opis - ADV7180BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
   10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7281 AD-ADV7281 Datasheet
591Kb / 32P
   10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
REV. A
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com