Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL322EB Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL322EB
Szczegółowy opis  Small and Thin -2 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXL322
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS (VS = 3.0 V)
35
30
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 5. X-Axis Zero g Bias at 25°C
40
35
30
25
0
5
10
15
20
–2.0
–1.5
–1.0
–0.5
0
2.0
1.5
1.0
0.5
TEMPERATURE COEFFICIENT (mg/
°C)
Figure 6. X-Axis Zero g Bias Temperature Coefficient
50
40
45
35
30
25
0
5
10
15
20
0.400 0.405 0.410 0.415 0.420 0.425 0.430 0.435 0.440 0.445 0.450
SENSITIVITY (V/
g)
Figure 7. X-Axis Sensitivity at 25°C
40
35
30
25
0
5
10
15
20
1.40 1.42 1.44 1.46 1.48 1.50 1.52 1.54 1.56 1.58 1.60
OUTPUT (V)
Figure 8. Y-Axis Zero g Bias at 25°C
45
40
35
30
25
0
5
10
15
20
–2.0
–1.5
–1.0
–0.5
0
2.0
1.5
1.0
0.5
TEMPERATURE COEFFICIENT (m
g/
°C)
Figure 9. Y-Axis Zero g Bias Temperature Coefficient
45
40
35
30
25
0
5
10
15
20
0.400 0.405 0.410 0.415 0.420 0.425 0.430 0.435 0.440 0.445 0.450
SENSITIVITY (V/
g)
Figure 10. Y-Axis Sensitivity at 25°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
SY89531L3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
ADN2806622 Mbps Clock and Data Recovery IC 1 2 3 4 5 MoreAnalog Devices
ADT7488ASST Digital Temperature Sensor and Voltage Monitor 1 2 3 4 5 MoreAnalog Devices
TPS624032.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package 1 2 3 4 5 MoreTI store
ADT7408+-2 C Accurate 12-Bit Digital Temperature Sensor 1 2 3 4 5 MoreAnalog Devices
LPT3535Inductors/Transformers Customizable Surface Mount Torodial Kool-Mu Powered Iron and MPP Cores 1 2 3 Vishay Siliconix
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
ADN2813Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp 1 2 3 4 5 MoreAnalog Devices
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl