Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL322EB Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL322EB
Szczegółowy opis  Small and Thin -2 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Small and Thin ±2 g Accelerometer
ADXL322
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Small and thin
4 mm × 4 mm × 1.45 mm LFCSP package
2 mg resolution at 60 Hz
Wide supply voltage range: 2.4 V to 6 V
Low power: 340 μA at VS = 2.4 V (typ)
Good zero g bias stability
Good sensitivity accuracy
X-axis and Y-axis aligned to within 0.1° (typ)
BW adjustment with a single capacitor
Single-supply operation
10,000 g shock survival
Pb Free: Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Cost-sensitive motion- and tilt-sensing applications
Smart hand-held devices
Mobile phones
Sports and health-related devices
PC security and PC peripherals
GENERAL DESCRIPTION
The ADXL322 is a small, thin, low power, complete, dual-axis
accelerometer with signal conditioned voltage outputs, which
are all on a single monolithic IC. The product measures accel-
eration with a full-scale range of ±2 g (typical). It can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL322’s typical noise floor is 220 μg/√Hz, which allows
signals below 2 mg to be resolved in tilt-sensing applications
using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XOUT and YOUT pins. Bandwidths
of 0.5 Hz to 2.5 kHz can be selected to suit the application.
The ADXL322 is available in a 4 mm × 4 mm × 1.45 mm,
16-lead, plastic LFCSP.
FUNCTIONAL BLOCK DIAGRAM
ADXL322
SENSOR
+3V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
VS
CDC
DEMOD
AC
AMP
RFILT
32k
Ω
XOUT
CX
YOUT
CY
RFILT
32k
Ω
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
NTTD4401FFETKY Power MOSFET and Schottky Diode 1 2 3 4 5 MoreON Semiconductor
SY89531L3.3V PRECISION 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER 1 2 3 4 5 MoreMicrel Semiconductor
ADN2806622 Mbps Clock and Data Recovery IC 1 2 3 4 5 MoreAnalog Devices
ADT7488ASST Digital Temperature Sensor and Voltage Monitor 1 2 3 4 5 MoreAnalog Devices
TPS624032.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package 1 2 3 4 5 MoreTI store
ADT7408+-2 C Accurate 12-Bit Digital Temperature Sensor 1 2 3 4 5 MoreAnalog Devices
LPT3535Inductors/Transformers Customizable Surface Mount Torodial Kool-Mu Powered Iron and MPP Cores 1 2 3 Vishay Siliconix
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
ADN2813Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp 1 2 3 4 5 MoreAnalog Devices
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl