Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21362WBBCZ-1A Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-21362WBBCZ-1A
Szczegółowy opis  SHARC Processor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21362WBBCZ-1A Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-21362WBBCZ-1A Datasheet HTML 1Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 2Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 3Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 4Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 5Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 6Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 7Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 8Page - Analog Devices ADSP-21362WBBCZ-1A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
Rev. A
|
Page 5 of 52
|
December 2006
SHARC FAMILY CORE ARCHITECTURE
The ADSP-2136x is code-compatible at the assembly level with
the ADSP-2126x, ADSP-21160, and ADSP-21161, and with the
first generation ADSP-2106x SHARC processors. The
ADSP-2136x shares architectural features with the ADSP-2126x
and ADSP-2116x SIMD SHARC processors, as detailed in the
following sections.
SIMD Computational Engine
The ADSP-2136x contains two computational processing ele-
ments that operate as a single-instruction multiple-data (SIMD)
engine. The processing elements are referred to as PEX and PEY
and each contains an ALU, multiplier, shifter, and register file.
PEX is always active, and PEY may be enabled by setting the
PEYEN mode bit in the MODE1 register. When this mode is
enabled, the same instruction is executed in both processing ele-
ments, but each processing element operates on different data.
This architecture is efficient at executing math intensive signal
processing algorithms.
Entering SIMD mode also has an effect on the way data is trans-
ferred between memory and the processing elements. When in
SIMD mode, twice the data bandwidth is required to sustain
computational operation in the processing elements. Because of
this requirement, entering SIMD mode also doubles the
bandwidth between memory and the processing elements.
When using the DAGs to transfer data in SIMD mode, two data
values are transferred with each access of memory or the regis-
ter file.
Independent, Parallel Computation Units
Within each processing element is a set of computational units.
The computational units consist of an arithmetic/logic unit
(ALU), multiplier, and shifter. These units perform all opera-
tions in a single cycle. The three units within each processing
element are arranged in parallel, maximizing computational
throughput. Single multifunction instructions execute parallel
ALU and multiplier operations. In SIMD mode, the parallel
ALU and multiplier operations occur in both processing
elements. These computation units support IEEE 32-bit
single-precision floating-point, 40-bit extended-precision
floating-point, and 32-bit fixed-point data formats.
Data Register File
A general-purpose data register file is contained in each pro-
cessing element. The register files transfer data between the
computation units and the data buses, and store intermediate
results. These 10-port, 32-register (16 primary, 16 secondary)
register files, combined with the ADSP-2136x enhanced
Figure 2. ADSP-2136x System Sample Configuration
DAI
SPI
ID P
SR C
SPD IF
SP OR T0-5
SC LK 0
SD 0A
SFS0
SD 0B
SR U
DAI_P1
DA I_ P2
DA I_ P3
DAI_P 18
DAI _P 19
DA I_ P2 0
DAC
(OPTI ONA L)
ADC
(OPTI ONA L)
FS
CLK
SD AT
FS
CLK
SD AT
3
CLOC K
FLA G3-1
2
2
CLK IN
XTA L
CLK _CFG1-0
B OOTC FG1 -0
ADDR
PARALLEL
POR T
RAM
I/O D EVI CE
OE
DATA
WE
RD
WR
CLKOUT
ALE
AD 1 5-0
LA TCH
RES ET
JTA G
6
ADSP-2136x
CS
FLA G0
PCG B
PC GA
CLK
FS
TIME R S


Podobny numer części - ADSP-21362WBBCZ-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21362BBCZ-1AA AD-ADSP-21362BBCZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21362BSWZ-1AA AD-ADSP-21362BSWZ-1AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
ADSP-21362YSWZ-2AA AD-ADSP-21362YSWZ-2AA Datasheet
1Mb / 56P
   SHARC Processors
Rev. G
More results

Podobny opis - ADSP-21362WBBCZ-1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com