Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7328BRUZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7328BRUZ
Szczegółowy opis  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7328BRUZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7328BRUZ Datasheet HTML 7Page - Analog Devices AD7328BRUZ Datasheet HTML 8Page - Analog Devices AD7328BRUZ Datasheet HTML 9Page - Analog Devices AD7328BRUZ Datasheet HTML 10Page - Analog Devices AD7328BRUZ Datasheet HTML 11Page - Analog Devices AD7328BRUZ Datasheet HTML 12Page - Analog Devices AD7328BRUZ Datasheet HTML 13Page - Analog Devices AD7328BRUZ Datasheet HTML 14Page - Analog Devices AD7328BRUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD7328
Rev. A | Page 11 of 36
8k
0
–3
CODE
7k
6k
5k
4k
3k
2k
1k
–2
–1
0123
VCC =5V
VDD/VSS = ±12V
RANGE = ±10V
10k SAMPLES
TA =25°C
023
1201
7600
1165
11
0
Figure 16. Histogram of Codes, Single-Ended Mode
–50
–100
0
RIPPLE FREQUENCY (kHz)
–55
–60
–65
–70
–75
–80
–85
–90
–95
200
400
600
800
1000
1200
DIFFERENTIAL MODE
FIN = 50kHz
VDD/VSS = ±12V
fS = 1MSPS
TA =25°C
VCC =5V
VCC =3V
Figure 17. CMRR vs. Common-Mode Ripple Frequency
2.0
–2.0
±VDD/VSS SUPPLY VOLTAGE (V)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
5
7
9
11
13
15
17
19
±5V RANGE
VCC =VDRIVE =5V
INTERNAL REFERENCE
SINGLE-ENDED MODE
DNL = 750kSPS
DNL = 750kSPS
DNL = 500kSPS
DNL = 500kSPS
DNL = 1MSPS
DNL = 1MSPS
Figure 18. DNL Error vs. Supply Voltage at 500 kSPS, 750 kSPS, and 1 MSPS
2.0
–2.0
±VDD/VSS SUPPLY VOLTAGE (V)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
5
7
9
11
13
15
17
19
±5V RANGE
VCC =VDRIVE =5V
INTERNAL REFERENCE
SINGLE-ENDED MODE
INL = 750kSPS
INL = 500kSPS
INL = 1MSPS
INL = 750kSPS
INL = 500kSPS
INL = 1MSPS
Figure 19. INL Error vs. Supply Voltage at 500 kSPS, 750 kSPS, and 1 MSPS
–50
–100
0
1200
SUPPLY RIPPLE FREQUENCY (kHz)
–55
–60
–65
–70
–75
–80
–85
–90
–95
200
400
600
800
1000
100mV p-p SINE WAVE ON EACH SUPPLY
NO DECOUPLING
SINGLE-ENDED MODE
fS =1MSPS
VCC =5V
VCC =3V
VDD = 12V
VSS = –12V
Figure 20. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
10
1000
ANALOG INPUT FREQUENCY (kHz)
100
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
VCC =VDRIVE =5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
RANGE = ±10V AND ±2.5V
RIN =50Ω,
±2.5V RANGE
RIN =50Ω,
±10V RANGE
RIN = 100Ω,
±2.5V RANGE
RIN = 1000Ω,
±2.5V RANGE
RIN = 2000Ω,
±2.5V RANGE
RIN = 4700Ω,
±2.5V RANGE
RIN =2000Ω, ±10V RANGE
RIN = 1000Ω, ±10V RANGE
RIN = 100Ω, ±10V RANGE
Figure 21. THD vs. Analog Input Frequency for Various Source Impedances,
True Differential Mode


Podobny numer części - AD7328BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7328BRUZ AD-AD7328BRUZ Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328BRUZ-REEL AD-AD7328BRUZ-REEL Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328BRUZ-REEL7 AD-AD7328BRUZ-REEL7 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

Podobny opis - AD7328BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com