Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7367-5ARUZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7367-5ARUZ
Szczegółowy opis  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7367-5ARUZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7367-5ARUZ Datasheet HTML 4Page - Analog Devices AD7367-5ARUZ Datasheet HTML 5Page - Analog Devices AD7367-5ARUZ Datasheet HTML 6Page - Analog Devices AD7367-5ARUZ Datasheet HTML 7Page - Analog Devices AD7367-5ARUZ Datasheet HTML 8Page - Analog Devices AD7367-5ARUZ Datasheet HTML 9Page - Analog Devices AD7367-5ARUZ Datasheet HTML 10Page - Analog Devices AD7367-5ARUZ Datasheet HTML 11Page - Analog Devices AD7367-5ARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 8 of 16
applied externally to the rest of a system.
10
VSS
Negative power supply voltage. This is the negative supply voltage for the Analog Input section. The supply
must be less than a maximum voltage of -11.5V for all input ranges. See Table 6 for further details. 10 µF and
100 nF decoupling capacitors should be placed on the VSS pin.
11,12
VA1, VA2
Analog Inputs of ADC A. These are both single-ended analog inputs. The Analog input range on these
channels is determined by the RANGE0 and RANGE1 pins.
13,14
VB2, VB1
Analog Inputs of ADC B. These are both single-ended analog inputs. The Analog input range on these
channels is determined by the RANGE0 and RANGE1 pins.
15
VDD
Positive power supply voltage. This is the positive supply voltage for the Analog Input section. The supply
must be greater than a minimum voltage of 11.5V for all the analog input ranges. See Table 6 for further
details. 10 µF and 100 nF decoupling capacitors should be placed on the VDD pin.
18
REFSEL
Internal/External Reference Selection. Logic input. If this pin is tied to a logic high, the on-chip 2.5 V
reference is used as the reference source for both ADC A and ADC B. In addition, Pin DCAPA and Pin DCAPB
must be tied to decoupling capacitors. If the REF SELECT pin is tied to GND, an external reference can be
supplied to the AD7367 through the DCAPA and/or DCAPB pins.
19
CS
Chip Select. Active low logic input. This input frames the serial data transfer. When CS is logic low the
output bus is enabled and the conversion result is output on DOUTA, and DOUTB.
20
SCLK
Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7367.
21
CONVST
Conversion Start. Edge triggered logic input. On the falling edge of this input the track/hold goes into hold
mode and conversion is initiated. If CONVST is low at the end of a conversion, the part goes into power-
down mode. In this case, the rising edge of CONVST will instruct the part to power up again.
22
BUSY
BUSY Output. Transitions high when a conversion is started and remains high until the conversion is
complete.
24
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7367. The DGND pin
should connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the
same potential and must not be more than 0.3 V apart, even on a transient basis.


Podobny numer części - AD7367-5ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Podobny opis - AD7367-5ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com