Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV212A24 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części MTV212A24
Szczegółowy opis  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A24 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MTV212A24 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 11 -
2000/07/04
6.1 Composite SYNC separation/insertion
The MTV212M32 continuously monitors the input HSYNC, if the vertical SYNC pulse can be extracted from
the input, a CVpre flag is set and user can select the extracted "CVSYNC" for the source of polarity check,
frequency count, and VBLANK output. The CVSYNC will have 8us delay compared to the original signal.
The MTV212M32 can also insert pulse to HBLANK output during composite VSYNC’s active time. The insert
pulse’s width is 1/8 HSYNC period and the insertion frequency can adapt to original HSYNC. The HBLANK
pulse can be disable or enable by setting “NoHins” control bit.
6.2 H/V Frequency Counter
MTV212M32 can discriminate HSYNC/VSYNC frequency and saves the information in XFRs. The 14 bits
Hcounter counts the time of 64xHSYNC period, then load the result into the HCNTH/HCNTL latch. The
output value will be [(128000000/H-Freq) - 1], updated once per VSYNC/CVSYNC period when
VSYNC/CVSYNC is present or continuously updated when VSYNC/CVSYNC is non-present. The 12 bits
Vcounter counts the time between two VSYNC pulses, then load the result into the VCNTH/VCNTL latch.
The output value will be (62500/V-Freq), updated every VSYNC/CVSYNC period. An extra overflow bit
indicates the condition of H/V counter overflow. The VFchg/HFchg interrupt is set when VCNT/HCNT value
changes or overflow. Table 4.2.1 and table 4.2.2 shows the HCNT/VCNT value under the operations of
12MHz.
6.2.1 H-Freq Table
Output Value (14 bits)
H-Freq(KHZ)
12MHz OSC (hex / dec)
1
31.5
0FDEh / 4062
2
37.5
0D54h / 3412
3
43.3
0B8Bh / 2955
4
46.9
0AA8h / 2728
5
53.7
094Fh / 2383
6
60.0
0854h / 2132
7
68.7
0746h / 1862
8
75.0
06AAh / 1706
9
80.0
063Fh / 1599
10
85.9
05D1h / 1489
11
93.8
0554h / 1364
12
106.3
04B3h / 1203
6.2.2 V-Freq Table
Output value (12bits)
V-Freq(Hz)
12MHz OSC (hex / dec)
1
56
45Ch / 1116
2
60
411h / 1041
3
70
37Ch /
892
4
72
364h /
868
5
75
341h /
833
6
85
2DFh /
735
6.3 H/V Present Check
The Hpresent function checks the input HSYNC pulse, Hpre flag is set when HSYNC is over 10KHz or
cleared when HSYNC is under 10Hz. The Vpresent function checks the input VSYNC pulse, the Vpre flag is
set when VSYNC is over 40Hz or cleared when VSYNC is under 10Hz. The HPRchg interrupt is set when
the Hpre value changes. The VPRchg interrupt is set when the Vpre/CVpre value change. However, the
CVpre flag interrupt may be disabled when S/W disable the composite function.


Podobny numer części - MTV212A24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212A24 ETC2-MTV212A24 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Podobny opis - MTV212A24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com