Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT594DB Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74AHCT594DB
Szczegółowy opis  8-bit shift register with output register
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT594DB Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT594DB Datasheet HTML 2Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 3Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 4Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 5Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 6Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 7Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 8Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 9Page - NXP Semiconductors 74AHCT594DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
74AHC_AHCT594_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2006
6 of 29
Philips Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
↑ = LOW-to-HIGH transition;
X = don’t care.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO16 packages: above 70
°C the value of P
tot derates linearly with 8 mW/K.
For (T)SSOP16 packages: above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
°C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table[1]
Function
Inputs
SHR
STR
SHCP
STCP
DS
Clear shift register
L
X
X
X
X
Clear storage register
X
L
X
X
X
Load DS into shift register stage 0, advance previous stage data to the next stage
H
X
X
H or L
Transfer shift register data to storage register and outputs Qn
X
H
X
X
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1] -
−20
mA
IOK
output clamping current
VO < −0.5 V or VO > VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to VCC + 0.5 V
-
±25
mA
ICC
quiescent supply current
-
75
mA
IGND
ground current
-
−75
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW


Podobny numer części - 74AHCT594DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHCT594DB-Q100 NEXPERIA-74AHCT594DB-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
More results

Podobny opis - 74AHCT594DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com