Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC141627 Arkusz danych(PDF) 10 Page - Motorola, Inc

Numer części MC141627
Szczegółowy opis  ADVANCED PAL COMB FILTER-II(APCF-II)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141627 Arkusz danych(HTML) 10 Page - Motorola, Inc

Back Button MC141627 Datasheet HTML 6Page - Motorola, Inc MC141627 Datasheet HTML 7Page - Motorola, Inc MC141627 Datasheet HTML 8Page - Motorola, Inc MC141627 Datasheet HTML 9Page - Motorola, Inc MC141627 Datasheet HTML 10Page - Motorola, Inc MC141627 Datasheet HTML 11Page - Motorola, Inc MC141627 Datasheet HTML 12Page - Motorola, Inc MC141627 Datasheet HTML 13Page - Motorola, Inc MC141627 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC141627
MOTOROLA
10
APPLICATION CIRCUIT
Comb/BPF
+
CLK
+
+
+
+
+
+
+
+
1/2MC14576
+
2/2MC14576
+
+
+
+
+
+
+
D3
D2
D1
D0
VH
BYPASS
VCC(D)
GND(D)
FSC
N/M
PAL/NTSC
10 k
Ω x 2
47
µF
0.1
µF
33
µH
TE1
TE0
MODE1
MODE0
CLK(AD)
GND(D)
VCC(D)
CLC
CLout
Vin
RBT
RTP
33
µH
VDD(A)
10 V
Yout
Cout
1
2
3
4
5
6
7
8
8
4
75
75
10
µF
10
µF
47
µF
0.1
µF
0.1
µF
0.1
µF
47
µF
0.1
µF
33
µH
33
µH
0.1
µF
10
µF
47
µF
220 k
0.1
µF
4.7
µF
MC7805CT
VCC(A)
(5 V)
Vout
Vin
GND
MC141627
1
2
345
678
9
10 11
12
15
16
17
18
19
20
13
14
48
39
38
37
36 35 34
33 32 31
30
29 28 27 26 25
24
23
22
21
41
42
43
44
45
46
47
48
ADC GND
DAC GND
DIGITAL GND
TANTALUM CAPACITOR
MULTI–LAYER CERAMIC CAPACITOR
C2002
MC14577
1
2
3
4
8
47
µF
0.1
µF
0.1
µF
47
µF
33
µH
2.2
k
A953
C2002
2 k
ROTARY SW
47
µF
0.1
µF
VCC(D)
5 V
VCC(D)
5 V
GAIN ADJUST
1 k
510
VCC(A) 10 V
SW
C
VCC(D)
5 V
33
µH
33
µH
0.1
µF
10
µF
VCC(A)
(10 V)
0.1
µF
4.7
µF
4700 pF
2 k
2.2
k
2.2
k
33
µH
510 k
VIDEO IN
1.0
µF
75
10 k
Ω x 8
10 k
Ω x 8
47 k
Ω x 8
47 k
Ω x 8
47
µF
10 k
Ω x 3
VCC(D)


Podobny numer części - MC141627

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC141620 MOTOROLA-MC141620 Datasheet
298Kb / 9P
   Enhanced Comb Filter CMOS
MC14162B MOTOROLA-MC14162B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BD MOTOROLA-MC14162BD Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BL MOTOROLA-MC14162BL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14162BP MOTOROLA-MC14162BP Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
More results

Podobny opis - MC141627

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SAA4960 PHILIPS-SAA4960 Datasheet
194Kb / 24P
   Integrated PAL comb filter
1996 Oct 15
logo
Sony Corporation
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
EPCOS
B9477 EPCOS-B9477 Datasheet
103Kb / 8P
   SAW Filter PCS / WCDMA band II
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com