Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7829BRUZ-1 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7829BRUZ-1
Szczegółowy opis  3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7829BRUZ-1 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7829BRUZ-1 Datasheet HTML 1Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 2Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 3Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 4Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 5Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 6Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 7Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 8Page - Analog Devices AD7829BRUZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7829-1
Rev. 0 | Page 4 of 20
Parameter
Version B
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200 μA
4
V min
VDD = 5 V ± 10%
2.4
V min
VDD = 3 V ± 10%
Output Low Voltage, VOL
ISINK = 200 μA
0.4
V max
VDD = 5 V ± 10%
0.2
V max
VDD = 3 V ± 10%
High Impedance Leakage Current
±1
μA max
High Impedance Capacitance
10
pF max
CONVERSION RATE
Track/Hold Acquisition Time
200
ns max
See Circuit Description section
Conversion Time
420
ns max
POWER SUPPLY REJECTION
VDD ± 10%
±1
LSB max
POWER REQUIREMENTS
VDD
4.5
V min
5 V ± 10%; for specified performance
5.5
V max
VDD
2.7
V min
3 V ± 10%; for specified performance
3.3
V max
IDD
Normal Operation
12
mA max
8 mA typically
Power-Down
5
μA max
Logic inputs = 0 V or VDD
0.2
μA typ
Power Dissipation
VDD = 3 V
Normal Operation
36
mW max
Typically 24 mW
Power-Down
200 kSPS
9.58
mW typ
500 kSPS
23.94
mW typ
1 See the Terminology section of this data sheet.
2 Refer to the Analog Input section for an explanation of the analog input(s).


Podobny numer części - AD7829BRUZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7829BRUZ-1 AD-AD7829BRUZ-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BRUZ-1REEL7 AD-AD7829BRUZ-1REEL7 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results

Podobny opis - AD7829BRUZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com