Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7934BRUZ-6REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7934BRUZ-6REEL7
Szczegółowy opis  4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7934BRUZ-6REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7934BRUZ-6REEL7 Datasheet HTML 1Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 2Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 3Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 4Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 5Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 6Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 7Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 8Page - Analog Devices AD7934BRUZ-6REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7934-6
Rev. A | Page 5 of 28
TIMING SPECIFICATIONS
VDD = VDRIVE = 2.7 V to 5.25 V, internal/external VREF = 2.5 V, unless otherwise noted. FCLKIN = 10 MHz, FSAMPLE = 625 kSPS,
TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Limit at TMIN, TMAX
Unit
Description
fCLKIN2
700
kHz min
CLKIN Frequency
10
MHz max
tQUIET
30
ns min
Minimum time between end of read and start of next conversion, that is, time from
when the data bus goes into three-state until the next falling edge of CONVST
t1
10
ns min
CONVST Pulse Width
t2
15
ns min
CONVST Falling Edge to CLKIN Falling Edge Setup Time
t3
50
ns min
CLKIN Falling Edge to BUSY Rising Edge
t4
0
ns min
CS to WR Setup Time
t5
0
ns min
CS to WR Hold Time
t6
10
ns min
WR Pulse Width
t7
10
ns min
Data Setup Time Before WR
t8
10
ns min
Data Hold after WR
t9
10
ns min
New Data Valid Before Falling Edge of BUSY
t10
0
ns min
CS to RD Setup Time
t11
0
ns min
CS to RD Hold Time
t12
30
ns min
RD Pulse Width
t133
30
ns max
Data Access Time After RD
t144
3
ns min
Bus Relinquish Time After RD
50
ns max
Bus Relinquish Time After RD
t15
0
ns min
HBEN to RD Setup Time
t16
0
ns min
HBEN to RD Hold Time
t17
10
ns min
Minimum Time Between Reads/Writes
t18
0
ns min
HBEN to WR Setup Time
t19
10
ns min
HBEN to WR Hold Time
t20
40
ns max
CLKIN Falling Edge to BUSY Falling Edge
t21
15.7
ns min
CLKIN Low Pulse Width
t22
7.8
ns min
CLKIN High Pulse Width
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
All timing specifications given above are with a 25 pF load capacitance. See
,
,
, and
.
Figure 34 Figure 35 Figure 36
Figure 37
2 Minimum CLKIN for specified performance. With slower CLKIN frequencies, performance specifications apply typically.
3 The time required for the output to cross 0.4 V or 2.4 V.
4 t14 is derived from the measured time taken by the data outputs to change 0.5 V. The measured number is then extrapolated back to remove the effects of charging or
discharging the 25 pF capacitor. This means that the time, t14, quoted in the timing characteristics is the true bus relinquish time of the part and is independent of the
bus loading.


Podobny numer części - AD7934BRUZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7934BRUZ-6REEL7 AD-AD7934BRUZ-6REEL7 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
More results

Podobny opis - AD7934BRUZ-6REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com