Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8364ACPZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8364ACPZ-REEL7
Szczegółowy opis  LF to 2.7 GHz Dual 60 dB TruPwr Detector
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8364ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8364ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD8364
Rev. 0 | Page 9 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V; TA = +25°C, –40°C, +85°C; CLPA/B = OPEN. Colors: +25°C black, –40°C blue, +85°C red.
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
A
B
Figure 3. OUT[A, B] Voltage and Log Conformance vs. Input Amplitude at
450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave, Differential Drive,
Balun = Macom ETK4-2T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
Figure 4. Distribution of OUT[A, B] Voltage and Error over Temperature After
Ambient Normalization vs. Input Amplitude for at Least 30 Devices from
Multiple Lots, Frequency = 450 MHz, ADJ[A, B] = 0 V, Sine Wave, Differential
Drive, Balun = Macom ETK4-2T
0.20
–0.20
–60
20
0.15
0.10
0
–50
–40
–30
–20
–10
0
10
INPUT AMPLITUDE (dBm)
–0.15
–0.10
–0.05
0.05
Figure 5. Distribution of [OUTA – OUTB] Voltage vs. Input Amplitude over
Temperature for at Least 30 Devices from Multiple Lots, Frequency = 450 MHz,
ADJ[A, B] = 0 V, Sine Wave, Differential Drive, Balun = Macom ETK4-2T
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
OUTP
OUTN
Figure 6. OUT[P, N] Voltage and Log Conformance vs. Input Amplitude at
450 MHz, with B Input Held at −25 dBm and A Input Swept, Typical Device,
ADJ[A, B] = 0 V, Sine Wave, Differential Drive, Balun = Macom ETK4-2T
(Note that the OUTP and OUTN Error Curves Overlap)
5
0
–60
20
4
3
2
1
–50
–40
–30
–20
–10
0
10
2.5
–2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
INPUT AMPLITUDE (dBm)
–5
–1
–2
–3
–4
Figure 7. Distribution of [OUTP − OUTN] Voltage and Error over Temperature
After Ambient Normalization vs. Input Amplitude for at Least 30 Devices
from Multiple Lots, Frequency = 450 MHz, ADJ[A, B] = 0 V, Sine Wave,
Differential Drive, PIN Ch. B = −25 dBm, Channel A Swept
RF INPUT AT INLA (dBm)
10
–40
–35
–30
–25
–20
–15
–10
–5
0
5
4
2
0
–2
–4
–6
–8
–10
SERIES NAME INDICATES THE
POLARITY AND MAGNITUDE OF THE
DEVIATION APPLIED TO THE INHA
INPUT, RELATIVE TO THE INLA INPUT,
AS REFERENCED TO THE REF SIGNAL.
+1DB
+2DB
–1DB
–2DB
+10DEG
+15DEG
–10DEG
–15DEG
REF
Figure 8. Log Conformance vs. Input Amplitude at various Amplitude and
Phase Balance points, 450 MHz, Typical Device, ADJ[A, B] = 0 V, Sine Wave,
Differential Drive


Podobny numer części - AD8364ACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8364ACPZ-REEL7 AD-AD8364ACPZ-REEL7 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
More results

Podobny opis - AD8364ACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com