Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4853-1AKSZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4853-1AKSZ-RL
Szczegółowy opis  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4853-1AKSZ-RL Datasheet HTML 5Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 9Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 10Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 11Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 12Page - Analog Devices ADA4853-1AKSZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 9 of 16
G = +1
VS = 5V
VOUT = 2V p-p
RL = 75Ω HD3
RL = 75Ω HD2
RL = 150Ω HD2
RL = 150Ω HD3
RL = 1kΩ HD3
RL = 1kΩ HD2
–40
–50
–70
–60
–80
–90
–100
–120
–110
0.1
1
10
FREQUENCY (MHz)
Figure 25. Harmonic Distortion vs. Frequency
–30
–100
0.1
10
FREQUENCY (MHz)
1
–40
–50
–60
–70
–80
–90
G= +2
VOUT =2Vp-p
RL =75Ω
VS = 3V HD3
VS =5VHD2
VS =5VHD3
VS =3VHD2
Figure 26. Harmonic Distortion vs. Frequency
01
23
HD2
HD3
4
VOUT (V p-p)
–40
–50
–70
–60
–80
–90
–100
–120
–110
2V
5V
GND
G = +1
VS = 5V
RL = 150Ω
f = 100kHz
Figure 27. Harmonic Distortion for Various Output Voltages
G = +2
RL = 150Ω
25ns/DIV
VS = 3V
VS = 5V
2.60
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Figure 28. Small Signal Pulse Response for Various Supplies
2.60
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
G= +1;CL =5pF
G= +2;CL = 0pF,5pF,10pF
VS =5V
RL =150Ω
25ns/DIV
Figure 29. Small Signal Pulse Response for Various Capacitive Loads
G = +2
RL = 150Ω
25ns/DIV
VS = 3V, 5V
3.75
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
Figure 30. Large Signal Pulse Response for Various Supplies


Podobny numer części - ADA4853-1AKSZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4853-1AKSZ-RL AD-ADA4853-1AKSZ-RL Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4853-1AKSZ-RL AD-ADA4853-1AKSZ-RL Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
More results

Podobny opis - ADA4853-1AKSZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com