Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4841-2YRZ-RL Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADA4841-2YRZ-RL
Szczegółowy opis  Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4841-2YRZ-RL Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADA4841-2YRZ-RL Datasheet HTML 2Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 3Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 4Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 5Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 6Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 7Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 8Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 9Page - Analog Devices ADA4841-2YRZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4841-1/ADA4841-2
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 5
Common-Mode Input Voltage
−VS − 0.5 V to +VS + 0.5 V
Differential Input Voltage
±1.8 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
JEDEC J-STD-20
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for device soldered in circuit board for surface-mount
packages.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-lead SOIC_N
125
°C/W
8-lead MSOP
130
°C/W
6-Lead SOT-23
170
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4841-1/
ADA4841-2 is limited by the associated rise in junction
temperature (TJ) on the die. At approximately 150°C, which is
the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
may change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
amplifiers. Exceeding a junction temperature of 150°C for an
extended period can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the die
due to the amplifier’s drive at the output. The quiescent power is
the voltage between the supply pins (VS) times the quiescent
current (IS).
PD = Quiescent Power + (Total Drive Power − Load Power)
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
⎟⎟
⎜⎜
×
+
×
=
RMS output voltages should be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply.
() (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to −VS, worst case
is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads and through holes under the device reduces θJA.
Figure 5 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8-lead MSOP
(145°C/W), 8-lead SOIC_N (125°C/W) and the 6-lead SOT-23
(170°C/W) on a JEDEC standard 4-layer board. θJA values are
approximations.
2.0
0
–55
125
AMBIENT TEMPERATURE (°C)
1.5
1.0
0.5
–45 –35 –25 –15 –5
5
1525 35455565 758595 105 115
SOT-23
SOIC
MSOP
Figure 5. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - ADA4841-2YRZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4841-2YRZ-RL AD-ADA4841-2YRZ-RL Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRZ-RL AD-ADA4841-2YRZ-RL Datasheet
701Kb / 21P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-2YRZ-RL AD-ADA4841-2YRZ-RL Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
More results

Podobny opis - ADA4841-2YRZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4841-1 AD-ADA4841-1_17 Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
ADA4841-2YRMZ AD-ADA4841-2YRMZ Datasheet
701Kb / 21P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. E
ADA4841-2 AD-ADA4841-2_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-1 AD-ADA4841-1_15 Datasheet
508Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifiers
Rev. F
ADA4841-2YCPZ-R7 AD-ADA4841-2YCPZ-R7 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
logo
Linear Technology
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
[Old version datasheet]   Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com