Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145423E Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC145423E
Szczegółowy opis  Universal Digital Loop Transceiver (UDLT-3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145423E Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC145423E Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TELECOMMUNICATIONS
MC145423
SLAVE SWITCHING CHARACTERISTICS (VDD = 5 V ±10%, TA = –40° to 85°C, CL = 50 pF)
Parameter
Figure
No.
Symbol
Min
Max
Unit
Input Rise Time: All Digital Inputs
tr
—2
µs
Input Fall Time: All Digital Inputs
tf
—2
µs
Clock Output Pulse Width: BCLK
tw(H,L)
3.66
4.15
µs
Crystal Frequency
fx1
4.086
4.1
MHz
Propagation Delay Times:
EN1, EN2, TE1 Rising to BCLK (TONE = VDD)
EN1, EN2, TE1 Rising to BCLK (TONE = VSS)
BCLK to EN1, EN2, TE1 Falling
RE1 Rising to BCLK (UDLT-1)
RE1 Falling to BCLK (TONE = VDD) (UDLT-1)
RE1 Falling to BCLK (TONE = VSS) (UDLT-1)
BCLK to Tx
TE1,TE2 to SDO1, SDO2
tp1
tp1
tp2
tp3
tp4
tp4
tp5
tp6
–50
300
–50
300
175
400
20
20
50
400
50
50
ns
Rx to BCLK Setup Time
tsu5
30
ns
Rx to BCLK Hold Time
th1
30
ns
SDI1, SDI2 to TE Setup Time
tsu6
30
ns
SDI1, SDI2 to TE Hold Time
th2
30
ns
EN1, EN2 Rising Edge to DCLK Rising Edge (UDLT-2)
tPHL
±30
ns
EN1, EN2 Rising Edge to First Tx Data Bit Valid
tdly1
—30
ns
BCLK Rising Edge to Tx Data Bits 2 – 8 Valid
tsu7
–40
ns
DCLK Pulse Width High (UDLT-2)
tw(H)
31
31.5
µs
DCLK Pulse Width Low (UDLT-2)
tw(L)
31
31.5
µs
DCLK Rising Edge to SDO1, SDO2 (UDLT-2)
tdly2
—30
ns
SDI1, SDI2 Setup (SDI1, SDI2 Valid Before DCLK
Falling Edge) (UDLT-2)
tsu9
10
ns
SDI1, SDI2 Hold (SDI1, SDI2 Valid After DCLK
Falling Edge) (UDLT-2)
th3
—30
ns
EN1, TE1 Rising Edge to VD Valid
tdly3
—30
ns
SE PIN TIMING
Parameter
Figure
No.
Symbol
Min
Max
Unit
LB, PD Hold
(LB, PD Valid After SE Falling Edge)
th
10
ns
SDO1, SDO2, VD High Impedance After SE Falling Edge
tdly1
—40
ns
SDO1, SDO2, VD Valid After SE Rising Edge
tdly2
30
ns
LB, PD Setup
(LB, PD Valid Before SE Rising Edge)
tsu
25
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC145423E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results

Podobny opis - MC145423E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
logo
Filtran LTD
7431 FILTRAN-7431 Datasheet
107Kb / 1P
   UDLT-3 Input/Output Transformer
logo
Renesas Technology Corp
HSP50210 RENESAS-HSP50210 Datasheet
1Mb / 51P
   Digital Costas Loop
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com