Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA7S20 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części TA7S20
Szczegółowy opis  Triscend A7S Configurable System-on-Chip Platform
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TA7S20 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TA7S20 Datasheet HTML 4Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 5Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 6Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 7Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 8Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 9Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 10Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 11Page - List of Unclassifed Manufacturers TA7S20 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 198 page
background image
Triscend A7S Configurable System-on-Chip Platform
SUBJECT TO CHANGE
8
TCH305-0001-002
Table 3. A7S Development Boards.
Supplier
Part Number
Triscend Corporation
THW-KIT-720
Embedded Performance Inc. (EPI)
Dev-A7
P
PC
C--B
Ba
as
se
ed
d D
De
ev
ve
ello
op
pm
me
en
ntt P
Plla
attffo
orrm
m
Figure 3 presents a detailed view of the entire Triscend A7S development flow. FastChip
is a Windows-based application and operates on most PC-compatible computers with the
recommended minimum 192Mbytes of RAM memory. The Triscend FastChip develop-
ment system provides design integration and configuration capabilities, working in con-
junction with third-party logic design and software development tools.
P
Po
ow
we
errffu
ull F
Fa
as
sttC
Ch
hiip
p C
CS
So
oC
C D
De
ev
ve
ello
op
pm
me
en
ntt S
Sy
ys
stte
em
m
FastChip includes a powerful Soft Module library of commonly used embedded systems
functions like additional UARTs, timers, various bus interfaces, etc. Likewise, FastChip
includes libraries that allow designers to create custom functions using third-part logic de-
sign and simulation tools. Designs imported into FastChip via an EDIF 2.0.0 netlist be-
come FastChip modules.
FastChip also exports a CSoC designs for either VHDL or Verilog logic simulation pur-
poses. A Triscend-provided bus functional model simulates traffic on the A7S’s internal
CSI bus.
S
Se
ea
am
mlle
es
ss
s IIn
ntte
eg
grra
attiio
on
n w
wiitth
h A
AR
RM
M7
7T
TD
DM
MII C
Co
om
mp
piille
err
After defining the A7S’s logic, FastChip’s Bind utility creates the physical hardware im-
plementation for the CSoC device. Similarly, FastChip’s Generate utility allocates ad-
dresses for any functions attached to the Configurable System Interconnect (CSI) bus and
creates an application programming model for a third-party ARM compiler. This model in-
cludes register definitions for both standard ARM7TDMI functions and any custom hard-
ware.
FastChip combines the output from the Bind utility and the object code from the
ARM7TDMI compiler to create a CSoC initialization image. Using this image, FastChip ei-
ther directly downloads to an A7S device or programs external Flash memory attached to
the A7. Optionally, the initialization image can be saved as an Intel Hex file four use with
an external device programmer.
R
Re
ea
all--ttiim
me
e,, IIn
n--s
sy
ys
stte
em
m,, F
Fu
ullll--S
Sp
pe
ee
ed
d D
De
eb
bu
ug
gg
giin
ng
g
Furthermore, FastChip provides a real-time, in-system debugging environment using the
actual A7S production silicon with the actual system hardware and application software.
FastChip drives a supported JTAG-based debugger/emulator and provides interfaces to
third-party source-level debuggers. Via a source-level debugger, software developers
have register-level access to the A7S device, complete with breakpoints and trace. Fast-
Chip’s Debug utility also provides logic debugging capabilities, including the ability to
probe flip-flop values and the outputs of CSL cells.
FastChip’s Configure and Download/Debug utilities are packaged as a separate, stand-
alone application called FastChip Device Link (FDL), providing software developers with
necessary software development capabilities without the complexity of the entire FastChip
CSoC development system.


Podobny numer części - TA7S20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TA7 VISHAY-TA7 Datasheet
150Kb / 5P
   Small Signal Zener Diodes, Dual
Rev. 1.0, 08-Mar-06
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
   Topstek Current Transducer
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
   2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
   70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Podobny opis - TA7S20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Cirrus Logic
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com