Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78L15 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części L78L15
Szczegółowy opis  Three-Terminal Positive-Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

L78L15 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  L78L15 Datasheet HTML 1Page - List of Unclassifed Manufacturers L78L15 Datasheet HTML 2Page - List of Unclassifed Manufacturers L78L15 Datasheet HTML 3Page - List of Unclassifed Manufacturers L78L15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Three-Terminal
Positive-Voltage Regulator
NIKO-SEM
L78L15
MAR-14-2002
ELECTRICAL SPECIFICATIONS (L78L15)
(VI = 23V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0 °C < TJ < +125 °C unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNITS
Output Voltage
TJ = +25 °C
14.4
15
15.6
V
Line Regulation
TJ = +25 °C
17.5V
≤ VI ≤ 30V
19V
≤ VI ≤ 30V
65
58
300
250
mV
Load Regulation
TJ = +25 °C
1.0 mA
≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
25
15
150
75
mV
Output Voltage
17.5V
≤ VI ≤ 30V, 1.0 mA ≤ IO ≤ 40 mA
VI = 23V, 1.0 mA
≤ IO ≤ 70 mA
14.25
14.25
15.75
15.75
V
Input Bias Current
TJ = +25 °C
4.6
6.5
mA
Input Bias Current Change 19V ≤ VI ≤ 30V
1.0 mA
≤ IO ≤ 40 mA
1.5
0.1
mA
Output Noise Voltage
TA = +25 °C, 10 Hz
≤ f ≤ 100 KHz
82
µV
Ripple Rejection
TJ = +25 °C, f = 120 Hz
18.5V
≤ VI ≤ 28.5V
34
39
dB
Dropout Voltage
TJ = +25 °C
1.7
V


Podobny numer części - L78L15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L78L15AB STMICROELECTRONICS-L78L15AB Datasheet
145Kb / 19P
   POSITIVE VOLTAGE REGULATORS
L78L15AB STMICROELECTRONICS-L78L15AB Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
L78L15AB STMICROELECTRONICS-L78L15AB Datasheet
907Kb / 29P
   Positive voltage regulators
L78L15ABD STMICROELECTRONICS-L78L15ABD Datasheet
145Kb / 19P
   POSITIVE VOLTAGE REGULATORS
L78L15ABD STMICROELECTRONICS-L78L15ABD Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results

Podobny opis - L78L15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com