Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2576D2T-ADJ Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części LM2576D2T-ADJ
Szczegółowy opis  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576D2T-ADJ Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button LM2576D2T-ADJ Datasheet HTML 4Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 5Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 6Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 7Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 8Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 9Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 10Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 11Page - Motorola, Inc LM2576D2T-ADJ Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM2576
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 15. Typical Test Circuit
D1
MBR360
L1
100
µH
Output
2
4
Feedback
Cout
1000
µF
Cin
100
µF
LM2576
Fixed Output
1
5
3ON/OFF
Gnd
Vin
Load
Vout
D1
MBR360
L1
100
µH
Output
2
4
Feedback
Cout
1000
µF
Cin
100
µF
LM2576
Adjustable
1
5
3ON/OFF
Gnd
Vin
Load
Vout
5,000 V
Fixed Output Voltage Versions
Adjustable Output Voltage Versions
Vout + Vref 1.0 )
R2
R1
R2
+ R1
Vout
V
ref
–1.0
Where Vref = 1.23 V, R1
between 1.0 k and 5.0 k
R2
R1
Cin – 100 µF, 75 V, Aluminium Electrolytic
Cout – 1000 µF, 25 V, Aluminium Electrolytic
D1
Schottky, MBR360
L1
100
µH, Pulse Eng. PE–92108
R1
2.0 k, 0.1%
R2
6.12 k, 0.1%
7.0 V – 40 V
Unregulated
DC Input
7.0 V – 40 V
Unregulated
DC Input
PCB LAYOUT GUIDELINES
As in any switching regulator, the layout of the printed
circuit board is very important. Rapidly switching currents
associated with wiring inductance, stray capacitance and
parasitic inductance of the printed circuit board traces can
generate voltage transients which can generate
electromagnetic interferences (EMI) and affect the desired
operation. As indicated in the Figure 15, to minimize
inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as possible.
For best results, single–point grounding (as indicated) or
ground plane construction should be used.
On the other hand, the PCB area connected to the Pin 2
(emitter of the internal switch) of the LM2576 should be kept
to a minimum in order to minimize coupling to sensitive
circuitry.
Another sensitive part of the circuit is the feedback. It is
important to keep the sensitive feedback wiring short. To
assure this, physically locate the programming resistors near
to the regulator, when using the adjustable version of the
LM2576 regulator.


Podobny numer części - LM2576D2T-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM2576D2T-ADJ ONSEMI-LM2576D2T-ADJ Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
LM2576D2T-ADJ ONSEMI-LM2576D2T-ADJ Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJG ONSEMI-LM2576D2T-ADJG Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJR4 ONSEMI-LM2576D2T-ADJR4 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
LM2576D2T-ADJR4G ONSEMI-LM2576D2T-ADJR4G Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Podobny opis - LM2576D2T-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com