Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDB4923 Arkusz danych(PDF) 9 Page - Cirrus Logic

Numer części CDB4923
Szczegółowy opis  Evaluation Board
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4923 Arkusz danych(HTML) 9 Page - Cirrus Logic

Back Button CDB4923 Datasheet HTML 5Page - Cirrus Logic CDB4923 Datasheet HTML 6Page - Cirrus Logic CDB4923 Datasheet HTML 7Page - Cirrus Logic CDB4923 Datasheet HTML 8Page - Cirrus Logic CDB4923 Datasheet HTML 9Page - Cirrus Logic CDB4923 Datasheet HTML 10Page - Cirrus Logic CDB4923 Datasheet HTML 11Page - Cirrus Logic CDB4923 Datasheet HTML 12Page - Cirrus Logic CDB4923 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
CDB4923 CDB49300
DS262DB2
9
input ports of the DSP. These configuration allows
the user to drive signals on stake headers J11 and
J12 in order to operate the DSP as if it were part of
an embedded system. The user is responsible for
providing the appropriate clocking signals, control
signals, and data signals to the DSP in full external
mode, but the user only provides control signals in
exernal control mode.
In the external modes the audio output of the DSP
still drives the on-board DACs and digital transmit-
ters thus allowing the user to access the audio on
the analog and digital output connectors provided
by the CDB4923/300. The stake headers J11 and
J12 can be found in Figure 4.
All on-board clocks and data lines are routed
through the PLD (U11) in order to provide maxi-
mum flexibility in the evaluation of different sys-
tem configurations. The PLD will perform all +5 V
to +3.3 V/+2.5 V conversions between the DSP
and the +5 V parts with which it interacts by con-
figuring the I/O power jumper (J63). The system
can also be configured in an external interface de-
scribed above. The external modes are detailed in
Data Selection. All PLD modes are selected using
DIP switch S3. The PLD (U11) and switch S3 are
shown in Figure 7.
A specialized IC (U12), the MAX708, has been in-
cluded on the CDB4923/300 in order to generate a
system reset at power-up, when the digital power
begins to fail, and when the system reset button
(SW1) is depressed. This chip helps to insure con-
sistent operation on the board by providing a
200 ms reset pulse whenever activated.
5. DATA SELECTION
Data selection on the CDB4923/300 refers to the
routing of audio data, audio clocks, control data,
and control clocks. Because the PLD plays such a
crucial role in determining the routing and control
scheme, each data selection mode is also referred to
as a ‘PLD mode.’ It is important to note that Table
2, the PLD Mode table, is based directly upon the
version of the control PLD (U11) used on each par-
ticular board. Each PLD has a specific revision
code printed on its label. If your PLD version dif-
fers from the one described in this document, con-
tact the factory to determine which feature set is
provided with your board.
Analog
Output
Stereo
Analog In
Digital Output
Digital Input
Control
Interface
Patch Area
RESET
+3.3V
+2.5V
CS492x
CS493xx
OSC
PLD
CS8404A
CS8404A
CS8404A
CS4340
CS4340
CS4340
CS5334
CRD4923-MEM
CDB49300-MEM
Figure 1. External Memory Example


Podobny numer części - CDB4923

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB4954A CIRRUS-CDB4954A Datasheet
1Mb / 20P
   Evaluation Board
CDB4954A CIRRUS-CDB4954A Datasheet
1Mb / 60P
   NTSC/PAL Digital Video Encoder
CDB4955A CIRRUS-CDB4955A Datasheet
1Mb / 20P
   Evaluation Board
CDB4955A CIRRUS-CDB4955A Datasheet
1Mb / 60P
   NTSC/PAL Digital Video Encoder
More results

Podobny opis - CDB4923

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com