Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4373A-ISZ Arkusz danych(PDF) 11 Page - Cirrus Logic

Numer części CS4373A-ISZ
Szczegółowy opis  Low-power, High-performance Test DAC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4373A-ISZ Arkusz danych(HTML) 11 Page - Cirrus Logic

Back Button CS4373A-ISZ Datasheet HTML 7Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 8Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 9Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 10Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 11Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 12Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 13Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 14Page - Cirrus Logic CS4373A-ISZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS4373A
DS699F2
11
AC COMMON MODE 6
Notes: 20. No AC common mode signal is output at 1/64 attenuation due to the attenuator architecture.
21. Common mode mean is defined as [(SIGmax) + (SIGmin)] / 2.
Parameter
Symbol
Min
Typ
Max
Unit
AC Common Mode Characteristics
Full-scale Common Mode AC Output
1/1
(Note 20)1/2
1/4
1/8
1/16
1/32
VCMFS
-
-
-
-
-
-
2.5
1.25
625
312.5
156.25
78.125
-
-
-
-
-
-
Vpp
Vpp
mVpp
mVpp
mVpp
mVpp
Full-scale Bandwidth
(Note 8)
VCMBW
--
100
Hz
Impulse Amplitude
(Note 8, 10)VCMIMP
--
-20
dBfs
AC Common Mode Accuracy
Common Mode Match (OUT
± Unloaded)
(Note 17, 20)
VCMCMM
--115
-105
dB
Common Mode Match (BUF
± Unloaded, 1 k
Ω Load)
(Note 16, 17, 20)
VCMCMM
--95
-85
dB
Full-scale Accuracy
1/1
(Note 3, 11)
VACABS
-- 0.3-
%FS
Relative Accuracy
1/2
(Note 12, 20)1/4
1/8
1/16
1/32
VACREL
-
-
-
-
-
-0.1
-0.5
-1.0
-2.0
-5.0
-
-
-
-
-
%
%
%
%
%
Full-scale Drift
(Note 14)VCMTC
-25-
µV/°C
DC Common Mode Characteristics
Common Mode Mean
(Note 21)
VCMCM
-
(VA-)+2.35
-V
Common Mode Mean Drift
(Note 14, 21)VCMCMTC
-300
-
µV/°C


Podobny numer części - CS4373A-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
CS4373-IS CIRRUS-CS4373-IS Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
More results

Podobny opis - CS4373A-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5373A CIRRUS-CS5373A Datasheet
863Kb / 40P
   Low-power, High-performance Modulator and Test DAC
CS4373 CIRRUS-CS4373 Datasheet
292Kb / 20P
   Low-power, High-performance Delta-Sigma Test DAC
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Cirrus Logic
CS43L36 CIRRUS-CS43L36 Datasheet
1Mb / 89P
   Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
logo
Analog Devices
ADAU1966A AD-ADAU1966A Datasheet
746Kb / 52P
   16-Channel, High Performance DAC
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
   High Performance Stereo Audio DAC
logo
Analog Devices
ADAU1962A AD-ADAU1962A Datasheet
1Mb / 48P
   12-Channel, High Performance, DAC
logo
Mitel Networks Corporat...
1A191 MITEL-1A191 Datasheet
193Kb / 10P
   High-Performance LED(Test Equipment)
1A398 MITEL-1A398 Datasheet
182Kb / 9P
   High-Performance LED(Test Equipment)
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com