Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX06833-4X Arkusz danych(PDF) 9 Page - Synaptics Incorporated.

Numer części CX06833-4X
Szczegółowy opis  V.92/V.34/V.32bis Modem in 144-Pin TQFP with Optional CX20442 Voice Codec
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONEXANT [Synaptics Incorporated.]
Strona internetowa  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX06833-4X Arkusz danych(HTML) 9 Page - Synaptics Incorporated.

Back Button CX06833-4X Datasheet HTML 5Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 6Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 7Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 8Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 9Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 10Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 11Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 12Page - Synaptics Incorporated. CX06833-4X Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
CX06833-3x/4x SMXXD Modem Data Sheet
102228A
Conexant
1-1
1.
Introduction
1.1
Overview
The Conexant
 SMXXD Modem is a full-featured, controller-based modem that
integrates modem controller (MCU), modem data pump (MDP), 256 KB ROM, 32 KB
RAM, and analog line interface codec functions into a single package.
The modem operates by executing firmware from internal ROM and RAM. Optional
customized firmware is supported with optional external flash ROM memory.
Additionally, added/modified country profiles are supported by internal SRAM patch
(maximum of one profile) or serial EEPROM. Downloadable architecture supports
downloading of customized MCU firmware from the host/DTE to the SMXXD modem.
The SMXXD Modem device set, consisting of a CX06833 modem device in a 144-pin
TQFP and an optional CX20442 Voice Codec (VC) in a 28-pin TQFP.
Low profile TQFP packages with reduced voltage operation and low power consumption
make this modem an ideal solution for embedded applications using parallel host or serial
DTE interface.
The SMXXD Modem supports data rates up to V.92, data compression, error correction,
fax rates up to 14.4 kbps and speakerphone mode.
In V.92 and V.90 (V.92 models) data modes, the modem can receive data at speeds up to
56 kbps. In V.34 data mode (V.92 and V.34 models), the modem can receive data at
speeds up to 33.6 kbps. In V.32 bis data mode, the modem can receive data at speeds up
to 14.4 kbps.
Data compression (V.44/V.42bis/MNP5) and error correction (V.42/MNP 2-4) modes
are supported to maximize data throughput and data transfer integrity. Non-error-
correction mode is also supported.
Fax Group 3 send and receive rates are supported up to 14.4 kbps with T.30 protocol.
The SMXXD modem operates with PSTN telephone lines worldwide.
S models, using the optional CX20442 Voice Codec (VC) in a 32-pin TQFP, support
position independent, full-duplex speakerphone (FDSP) operation using microphone and
speaker, as well as other voice/TAM applications using handset or headset.
Table 1-1 lists the available models. A simplified device interface drawing is shown in
Figure 1-1. A functional interface drawing showing optional memory is shown in
Figure 1-2.


Podobny numer części - CX06833-4X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
More results

Podobny opis - CX06833-4X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Synaptics Incorporated.
CX86500 CONEXANT-CX86500 Datasheet
184Kb / 6P
   SCXV.92/V.34/V.32bis Modem / Controller-based Modem with Worldwide SmartDAA 3 Line Side Device for Embedded Applications
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
   Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Bel Fuse Inc.
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
   V.34 MODEM TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com