Zakładka z wyszukiwarką danych komponentów |
|
CA3028AM Arkusz danych(PDF) 2 Page - Harris Corporation |
|
CA3028AM Arkusz danych(HTML) 2 Page - Harris Corporation |
2 / 12 page 7-7 Operating Conditions Thermal Information Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Thermal Resistance (Typical, Note 1) θJA (oC/W) θJC (oC/W) Metal Can Package . . . . . . . . . . . . . . . 225 140 PDIP Package . . . . . . . . . . . . . . . . . . . 155 N/A SOIC Package . . . . . . . . . . . . . . . . . . . 185 N/A Maximum Junction Temperature (Metal Can Package) . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. Absolute Maximum Voltage Ratings TA = 25oC Absolute Maximum Current Ratings The following chart gives the range of voltages which can be applied to the terminals listed horizontally with respect to the terminals listed vertically. For example, the voltage range of the horizontal Terminal 4 with respect to Terminal 2 is -1V to +5V. TERM NO. 12345678 TERM NO. IIN mA IOUT mA 1 0 to -15 (Note 4) 0 to -15 (Note 4) 0 to -15 (Note 4) +5 to -5 Note 3 Note 3 +20 to 0 (Note 5) 1 0.6 0.1 2 +5 to -11 +5 to -1 +15 to 0 (Note 6) Note 3 +15 to 0 (Note 6) Note 3 2 4 0.1 3 (Note 2) +10 to 0 +15 to 0 (Note 6) +30 to 0 (Note 7) +15 to 0 (Note 6) +30 to 0 (Note 7) 3 0.1 23 4 +15 to 0 (Note 6) Note 3 Note 3 Note 3 4 20 0.1 5 +20 to 0 (Note 5) Note 3 Note 3 5 0.6 0.1 6 Note 3 Note 3 6 20 0.1 7 Note 3 7 4 0.1 8 8 20 0.1 NOTES: 2. Terminal No. 3 is connected to the substrate and case. 3. Voltages are not normally applied between these terminals. Voltages appearing between these terminals will be safe, if the specified voltage limits between all other terminals are not exceeded. 4. Limit is -12V for CA3053. 5. Limit is +15V for CA3053. 6. Limit is +12V for CA3053. 7. Limit is +24V for CA3028A and +18V for CA3053. Electrical Specifications TA = 25 oC PARAMETER SYMBOL TEST CONDITIONS CA3028A CA3028B CA3053 UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX DC CHARACTERISTICS Input Offset Voltage (Figures 1, 14) VIO VCC = 6V, VEE = -6V - - - - 0.98 5.0 - - - mV VCC = 12V, VEE = -12V - - - - 0.89 5.0 - - - mV Input Offset Current (Figures 2, 14) IIO VCC = 6V, VEE = -6V - - - - 0.56 5.0 - - - µA VCC = 12V, VEE = -12V - - - - 1.06 6.0 - - - µA Input Bias Current (Figures 2, 3, 15, 16) II VCC = 6V, VEE = -6V - 16.6 70 - 16.6 40 - - - µA VCC = 12V, VEE = -12V - 36 106 - 36 80 - - - µA VCC = 9V - - - - - - 29 85 µA VCC = 12V - - - - - - - 36 125 µA CA3028A, CA3028B, CA3053 |
Podobny numer części - CA3028AM |
|
Podobny opis - CA3028AM |